Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5258 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5258
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5258 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5258 Datasheet HTML 1Page - Maxim Integrated Products MAX5258 Datasheet HTML 2Page - Maxim Integrated Products MAX5258 Datasheet HTML 3Page - Maxim Integrated Products MAX5258 Datasheet HTML 4Page - Maxim Integrated Products MAX5258 Datasheet HTML 5Page - Maxim Integrated Products MAX5258 Datasheet HTML 6Page - Maxim Integrated Products MAX5258 Datasheet HTML 7Page - Maxim Integrated Products MAX5258 Datasheet HTML 8Page - Maxim Integrated Products MAX5258 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (MAX5259) (continued)
(VDD = +2.7V to +3.3V, VREF = +2.5V, GND = 0, RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VDD = +3V, and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Feedthrough
Code = 00 hex
0.1
nV-s
Digital-to-Analog Glitch Impulse
Code = 80 to code = 7F hex
20
nV-S
VREF = 2.5Vp-p at 1kHz centered at 1.5V
code = FF hex
65
Signal-to-Noise Plus Distortion
Ratio
SINAD
VREF = 2.5Vp-pat 10kHz centered at 1.5V
code = FF hex
54
dB
Multiplying Bandwidth
VREF = 0.1Vp-p centered at VDD/2, -3dB
bandwidth
700
kHz
Wideband Amplifier Noise
60
µV
POWER REQUIREMENTS
Power-Supply Voltage
VDD
2.7
3.6
V
Supply Current
IDD
1.3
2.6
mA
Shutdown Supply Current
ISHDN
0.24
10
µA
TIMING CHARACTERISTICS (MAX5258)
(VREF = +4.096V, GND = 0, CDOUT = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = +5V and
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Rise-to-CS Fall-Setup Time
tVDCS
5
µs
LDAC Pulse Width Low
tLDAC
40
20
ns
CS Rise-to-LDAC Fall-Setup Time
(Note 4)
tCLL
40
ns
CS Pulse Width High
tCSW
90
ns
SCLK Clock Frequency (Note 5)
fCLK
10
MHz
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
CS Fall-to-SCLK Rise-Setup Time
tCSS
40
ns
SCLK Rise-to-CS Rise-Hold Time
tCSH
0ns
DIN to SCLK Rise-to-Setup Time
tDS
40
ns
DIN to SCLK Rise-to-Hold Time
tDH
0ns
SCLK Rise-to-DOUT Valid
Propagation Delay (Note 6)
tDO1
200
ns
SCLK Fall-to-DOUT Valid
Propagation Delay (Note 7)
tDO2
210
ns
CS Rise-to-SCLK Rise-Setup
Time
tCS1
40
ns


Similar Part No. - MAX5258

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5258 MAXIM-MAX5258 Datasheet
486Kb / 11P
   MAX5258 Evaluation Kit
Rev 0; 9/08
MAX5258EVKIT MAXIM-MAX5258EVKIT Datasheet
486Kb / 11P
   MAX5258 Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX5258

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com