Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX518BMJA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX518BMJA
Description  2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX518BMJA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX518BMJA Datasheet HTML 5Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 6Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 7Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 8Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 9Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 10Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 11Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 12Page - Maxim Integrated Products MAX518BMJA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2-Wire Serial 8-Bit DACs with
Rail-to-Rail Outputs
_______________________________________________________________________________________
9
these devices may share the bus. The MAX519 has 16
possible slave addresses. The eighth bit (LSB) in the
slave address byte should be low when writing to the
MAX517/MAX518/MAX519.
The MAX517/MAX518/MAX519 monitor the bus continu-
ously, waiting for a START condition followed by their
slave address. When a device recognizes its slave
address, it is ready to accept data.
The Command Byte and Output Byte
A command byte follows the slave address. Figure 7
shows the format for the command byte. A command
byte is usually followed by an output byte unless it is
the last byte in the transmission. If it is the last byte, all
bits except PD (power-down) and RST (reset) are
ignored. If an output byte follows the command byte,
A0 of the command byte indicates the digital address
of the DAC whose input data latch receives the digital
output data. Set this bit to 0 when writing to the
MAX517. The data is transferred to the DAC’s output
latch during the STOP condition following the transmis-
sion. This allows both DACs of the MAX518/MAX519 to
be updated simultaneously (Figure 8).
Setting the PD bit high powers down the MAX517/
MAX518/MAX519 following a STOP condition (Figure
9a). If a command byte with PD set high is followed by
an output byte, the addressed DAC’s input latch will be
updated and the data will be transferred to the DAC’s
output latch following the STOP condition (Figure 9b).
SCL
SDA
0
0
1 or
AD3
1 or
AD2
10
AD1
AD0
LSB
ACK
SLAVE ADDRESS
Figure 6. Address Byte
SLAVE ADDRESS BITS AD0, AD1, AD2, AND AD3 CORRESPOND TO THE LOGIC
STATE OF THE ADDRESS INPUT PINS.
LSB
MSB
SDA
SCL
R2
R1
R0
RST
PD
X
X
A0/0
ACK
Figure 7. Command Byte
R2, R1, R0: RESERVED BITS. SET TO 0.
RST: RESET BIT, SET TO 1 TO RESET ALL DAC REGISTERS.
PD: POWER-DOWN BIT. SET TO 1 TO PLACE THE DEVICE IN THE 4µA SHUTDOWN
MODE. SET TO 0 TO RETURN TO THE NORMAL OPERATIONAL STATE.
A0: ADDRESS BIT. DETERMINES WHICH DAC'S INPUT LATCH RECEIVES THE 8 BITS
OF DATA IN THE NEXT BYTE. SET TO 0 FOR MAX517.
ACK: ACKNOWLEDGE BIT. THE MAX517/MAX518/MAX519 PULLS SDA LOW DURING
THE 9TH CLOCK PULSE.
X: DON’T CARE.
START CONDITION
STOP CONDITION
OUTPUT BYTE
COMMAND BYTE
SLAVE ADDRESS BYTE
SCL
SDA
MSB
MSB
MSB
LSB
LSB
LSB
ACK
ACK
ACK
Figure 4. A Complete Serial Transmission
SCL
SDA
START CONDITION
STOP CONDITION
Figure 5. All communications begin with a START condition and
end with a STOP condition, both generated by a bus master.


Similar Part No. - MAX518BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
More results

Similar Description - MAX518BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com