Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS849S625I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS849S625I
Description  Ten selectable differential LVPECL or LVDS outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS849S625I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS849S625I Datasheet HTML 6Page - Integrated Device Technology ICS849S625I Datasheet HTML 7Page - Integrated Device Technology ICS849S625I Datasheet HTML 8Page - Integrated Device Technology ICS849S625I Datasheet HTML 9Page - Integrated Device Technology ICS849S625I Datasheet HTML 10Page - Integrated Device Technology ICS849S625I Datasheet HTML 11Page - Integrated Device Technology ICS849S625I Datasheet HTML 12Page - Integrated Device Technology ICS849S625I Datasheet HTML 13Page - Integrated Device Technology ICS849S625I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ICS849S625BYI REVISION A OCTOBER 1, 2012
10
©2012 Integrated Device Technology, Inc.
ICS849S625I Data Sheet
CRYSTAL-TO-LVPECL/LVDS CLOCK SYNTHESIZER
Parameter Measurement Information
LVPECL Output Load AC Test Circuit
RMS Phase Jitter
LVPECL Output Rise/Fall Time
LVDS Output Load AC Test Circuit
Cycle-to-Cycle Jitter
LVDS Output Rise/Fall Time
SCOPE
Qx
nQx
V
EE
VCC,
VCCA
2V
-1.3V±0.165V
VCCO
2V
Offset Frequency
f
1
f
2
Phase Noise Plot
Area Under Curve Defined by the Offset Frequency Markers
RMS Phase Jitter =
2 *
* ƒ
1
*
10%
90%
90%
10%
tR
t F
VSWING
nQAx,
nQBx,
nQCx
QAx,
QBx,
QCx
SCOPE
Qx
nQx
3.3V±5%
POWER SUPPLY
+–
Float GND
VCC,
VCCO
VCCA
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
nQAx,
nQBx,
nQCx
QAx,
QBx,
QCx
10%
90%
90%
10%
tR
t F
VOD
nQAx,
nQBx,
nQCx
QAx,
QBx,
QCx


Similar Part No. - ICS849S625I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
More results

Similar Description - ICS849S625I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49NS010 IDT-8T49NS010 Datasheet
730Kb / 35P
   Ten differential outputs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
logo
MTRONPTI
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
logo
Maxim Integrated Produc...
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
   Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
logo
CTS Corporation
335 CTS-335 Datasheet
138Kb / 5P
   DIFFERENTIAL LVPECL AND LVDS VCXO
logo
Integrated Device Techn...
8413S12 IDT-8413S12 Datasheet
739Kb / 33P
   Selectable external crystal or differential
8V41N010 IDT-8V41N010 Datasheet
697Kb / 26P
   Selectable external crystal or differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com