Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS849S625I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS849S625I
Description  Ten selectable differential LVPECL or LVDS outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS849S625I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS849S625I Datasheet HTML 1Page - Integrated Device Technology ICS849S625I Datasheet HTML 2Page - Integrated Device Technology ICS849S625I Datasheet HTML 3Page - Integrated Device Technology ICS849S625I Datasheet HTML 4Page - Integrated Device Technology ICS849S625I Datasheet HTML 5Page - Integrated Device Technology ICS849S625I Datasheet HTML 6Page - Integrated Device Technology ICS849S625I Datasheet HTML 7Page - Integrated Device Technology ICS849S625I Datasheet HTML 8Page - Integrated Device Technology ICS849S625I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ICS849S625BYI REVISION A OCTOBER 1, 2012
4
©2012 Integrated Device Technology, Inc.
ICS849S625I Data Sheet
CRYSTAL-TO-LVPECL/LVDS CLOCK SYNTHESIZER
Table 2. Pin Characteristics
Function Tables
Table 3A. SEL_OUT Function Table
Table 3E. MR Function Table
Table 3B. SELA Function Table
Table 3F. BYPASS Function Table
Table 3C. SELB Function Table
Table 3D. SELC Function Table
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
Input
Output Levels
SEL_OUT
0 (default)
LVDS
1
LVPECL
Input
Device Function
MR
0 (default)
Normal
1Master Reset
Inputs
NA
Bank A Output Divider
SELA0
SELA1
0 (default)
0 (default)
÷1
01
÷2
10
÷4
11
÷5
Input
Device Function
BYPASS
0 (default)
PLL mode. The output frequency is the VCO
frequency divided by the selected output divider.
1
Bypass mode. The output frequency is the
REF_CLK frequency divided by two and then
divided by the selected output divider.
Inputs
NB
Bank B Output Divider
SELB0
SELB1
0 (default)
0 (default)
÷1
01
÷2
10
÷4
11
÷5
Inputs
NC
Bank C Output Divider
SELC0
SELC1
0 (default)
0 (default)
÷1
01
÷2
10
÷4
11
÷5


Similar Part No. - ICS849S625I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
More results

Similar Description - ICS849S625I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49NS010 IDT-8T49NS010 Datasheet
730Kb / 35P
   Ten differential outputs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
logo
MTRONPTI
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
logo
Maxim Integrated Produc...
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
   Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
logo
CTS Corporation
335 CTS-335 Datasheet
138Kb / 5P
   DIFFERENTIAL LVPECL AND LVDS VCXO
logo
Integrated Device Techn...
8413S12 IDT-8413S12 Datasheet
739Kb / 33P
   Selectable external crystal or differential
8V41N010 IDT-8V41N010 Datasheet
697Kb / 26P
   Selectable external crystal or differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com