Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS844N255I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS844N255I
Description  Six differential LVDS clock outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844N255I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS844N255I Datasheet HTML 1Page - Integrated Device Technology ICS844N255I Datasheet HTML 2Page - Integrated Device Technology ICS844N255I Datasheet HTML 3Page - Integrated Device Technology ICS844N255I Datasheet HTML 4Page - Integrated Device Technology ICS844N255I Datasheet HTML 5Page - Integrated Device Technology ICS844N255I Datasheet HTML 6Page - Integrated Device Technology ICS844N255I Datasheet HTML 7Page - Integrated Device Technology ICS844N255I Datasheet HTML 8Page - Integrated Device Technology ICS844N255I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ICS844N255I Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-LVDS CLOCK SYNTHESIZER
ICS844N255AKILF REVISION A NOVEMBER 23, 2011
2
©2011 Integrated Device Technology, Inc.
Pin Assignment
48
47
46
45
44
43
42
41
40
39
38
37
GND 1
ICS844N255I
48-lead VFQFN
7.0mm x 7.0mm x 0.925mm, package body
K Package, Top View
36
GND
VDDOA 235 VDDA
QA 334 VDD
nQA 433 nOEE
GNDA 532 VDDOE
nOEA 631 QE
nOEB 730 nQE
VDDOB 829 GNDE
QB0 928 FSELE
nQB0 10
27
VDDOD
QB1 11
26
QD
nQB1 12
25
nQD
13
14
15
16
17
18
19
20
21
22
23
24


Similar Part No. - ICS844N255I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21 IDT-ICS844001AG-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21LF IDT-ICS844001AG-21LF Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21LFT IDT-ICS844001AG-21LFT Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21T IDT-ICS844001AG-21T Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS844N255I

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCLD-915 CRYSTEKCRYSTAL-CCLD-915 Datasheet
112Kb / 1P
   Differential LVDS Clock Oscillator
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
Maxim Integrated Produc...
MAX105EVKIT MAXIM-MAX105EVKIT Datasheet
560Kb / 10P
   Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
   2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
logo
Integrated Device Techn...
ICS854110I IDT-ICS854110I Datasheet
851Kb / 21P
   2.5V Differential LVDS Clock Buffer
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com