Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843S1333D Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS843S1333D
Description  One differential LVPECL output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843S1333D Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS843S1333D Datasheet HTML 6Page - Integrated Device Technology ICS843S1333D Datasheet HTML 7Page - Integrated Device Technology ICS843S1333D Datasheet HTML 8Page - Integrated Device Technology ICS843S1333D Datasheet HTML 9Page - Integrated Device Technology ICS843S1333D Datasheet HTML 10Page - Integrated Device Technology ICS843S1333D Datasheet HTML 11Page - Integrated Device Technology ICS843S1333D Datasheet HTML 12Page - Integrated Device Technology ICS843S1333D Datasheet HTML 13Page - Integrated Device Technology ICS843S1333D Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ICS843S1333DG REVISION A MAY 6, 2010
11
©2010 Integrated Device Technology, Inc.
ICS843S1333D Data Sheet
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
3. Calculations and Equations.
The purpose of this section is to calculate the power dissipation for the LVPECL output pair.
LVPECL output driver circuit and termination are shown in Figure 6.
Figure 6. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load, and a termination voltage of
VCC – 2V.
For logic high, VOUT = VOH_MAX = VCC_MAX – 0.8V
(VCC_MAX – VOH_MAX) = 0.8V
For logic low, VOUT = VOL_MAX = VCC_MAX – 1.6V
(VCC_MAX – VOL_MAX) = 1.6V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOH_MAX) = [(2V – (VCC_MAX – VOH_MAX))/RL] * (VCC_MAX – VOH_MAX) =
[(2V – 0.8V)/50
Ω] * 0.8V = 19.2mW
Pd_L = [(VOL_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOL_MAX) = [(2V – (VCC_MAX – VOL_MAX))/RL] * (VCC_MAX – VOL_MAX) =
[(2V – 1.6V)/50
Ω] * 1.6V = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50


Similar Part No. - ICS843S1333D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
More results

Similar Description - ICS843S1333D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
ICS853S01I IDT-ICS853S01I Datasheet
484Kb / 23P
   One LVPECL output pair
logo
MTRONPTI
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
CY2XP22 CYPRESS-CY2XP22_11 Datasheet
281Kb / 10P
   Crystal to LVPECL Clock Generator One LVPECL output pair
logo
Integrated Device Techn...
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com