Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843N3960I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS843N3960I
Description  Fourth Generation FemtoClock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843N3960I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS843N3960I Datasheet HTML 4Page - Integrated Device Technology ICS843N3960I Datasheet HTML 5Page - Integrated Device Technology ICS843N3960I Datasheet HTML 6Page - Integrated Device Technology ICS843N3960I Datasheet HTML 7Page - Integrated Device Technology ICS843N3960I Datasheet HTML 8Page - Integrated Device Technology ICS843N3960I Datasheet HTML 9Page - Integrated Device Technology ICS843N3960I Datasheet HTML 10Page - Integrated Device Technology ICS843N3960I Datasheet HTML 11Page - Integrated Device Technology ICS843N3960I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ICS843N3960DGI REVISION B SEPTEMBER 24, 2012
8
©2012 Integrated Device Technology, Inc.
ICS843N3960I Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
Parameter Measurement Information
3.3V LVPECL Output Load AC Test Circuit
RMS Phase Jitter
Output Duty Cycle/Pulse Width/Period
Differential Input Levels
Output Skew
Output Rise/Fall Time
-
SCOPE
Qx
nQx
V
EE
VCC
2V
-1.3V ± 0.165V
2V
VCCA
Offset Frequency
f
1
f
2
Phase Noise Plot
Area Under Curve Defined by the Offset Frequency Markers
RMS Phase Jitter =
2 *
* ƒ
1
*
nQ[0:1]
Q[[0:1]
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
V
CMR
Cross Points
V
PP
VCC
VEE
nCLK
CLK
nQx
Qx
nQy
tsk(o)
Qy
20%
80%
80%
20%
tR
t F
VSWING
nQ[0:1]
Q[0:1]


Similar Part No. - ICS843N3960I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS843N3960I RENESAS-ICS843N3960I Datasheet
1Mb / 21P
   FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator
SEPTEMBER 24, 2012
More results

Similar Description - ICS843N3960I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
   Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
IDT8T49N366I IDT-IDT8T49N366I Datasheet
495Kb / 36P
   Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
   Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
   Fourth generation FemtoClock
IDT8N3DV85 IDT-IDT8N3DV85 Datasheet
206Kb / 20P
   Fourth Generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com