Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2010AEJ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2010AEJ
Description  20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010AEJ Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2010AEJ_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PMEG2010AEJ_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 January 2010
2 of 9
NXP Semiconductors
PMEG2010AEJ
20 V, 1 A very low VF MEGA Schottky barrier rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMEG2010AEJ
SC-90
plastic surface mounted package; 2 leads
SOD323F
Table 4.
Marking codes
Type number
Marking code
PMEG2010AEJ
EM
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
20
V
IF
forward current
Tsp ≤ 55 °C-
1
A
IFRM
repetitive peak forward current
tp ≤ 1 ms; δ≤ 0.25
-
5.5
A
IFSM
non-repetitive peak forward
current
square wave;
tp =8 ms
-10
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
360
mW
[2] -
830
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PMEG2010AEJ_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEJ PHILIPS-PMEG2010AEJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
More results

Similar Description - PMEG2010AEJ_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
logo
NXP Semiconductors
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2005EJ NEXPERIA-PMEG2005EJ Datasheet
211Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2005ET-Q NEXPERIA-PMEG2005ET-Q Datasheet
196Kb / 9P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG2005EH NEXPERIA-PMEG2005EH Datasheet
239Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
logo
NXP Semiconductors
PMEG2010AEB NXP-PMEG2010AEB Datasheet
114Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEK NXP-PMEG2010AEK Datasheet
66Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-30 March 2007
logo
Nexperia B.V. All right...
PMEG2010BEV NEXPERIA-PMEG2010BEV Datasheet
187Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG2010BEA NEXPERIA-PMEG2010BEA Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
15 July 2020
PMEG4010BEA-Q NEXPERIA-PMEG4010BEA-Q Datasheet
195Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
15 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com