Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX525 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX525
Description  Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX525 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX525 Datasheet HTML 3Page - Maxim Integrated Products MAX525 Datasheet HTML 4Page - Maxim Integrated Products MAX525 Datasheet HTML 5Page - Maxim Integrated Products MAX525 Datasheet HTML 6Page - Maxim Integrated Products MAX525 Datasheet HTML 7Page - Maxim Integrated Products MAX525 Datasheet HTML 8Page - Maxim Integrated Products MAX525 Datasheet HTML 9Page - Maxim Integrated Products MAX525 Datasheet HTML 10Page - Maxim Integrated Products MAX525 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Power, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
Serial-Data Input
DIN
9
Serial Clock Input
SCLK
10
Digital Ground
DGND
11
Serial-Data Output
DOUT
12
User-Programmable Logic Output
UPO
13
DAC B Output Amplifier Feedback
FBB
5
Reference Voltage Input for DAC A and DAC B
REFAB
6
Clear All DACs and Registers. Resets all outputs (OUT_, UPO, DOUT) to 0, active low.
CL
7
Chip-Select Input. Active low.
CS
8
DAC B Output Voltage
OUTB
4
DAC A Output Voltage
OUTA
3
PIN
DAC A Output Amplifier Feedback
FBA
2
Analog Ground
AGND
1
FUNCTION
NAME
Power-Down Lockout. Active low. Locks out software shutdown if low.
PDL
14
Reference Voltage Input for DAC C and DAC D
REFCD
15
DAC C Output Amplifier Feedback
FBC
16
DAC C Output Voltage
OUTC
17
DAC D Output Voltage
OUTD
18
DAC D Output Amplifier Feedback
FBD
19
Positive Power Supply
VDD
20


Similar Part No. - MAX525

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5250ACAP MAXIM-MAX5250ACAP Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5250ACAP MAXIM-MAX5250ACAP Datasheet
762Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
MAX5250ACPP MAXIM-MAX5250ACPP Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5250ACPP MAXIM-MAX5250ACPP Datasheet
762Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
More results

Similar Description - MAX525

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5104 MAXIM-MAX5104 Datasheet
119Kb / 12P
   Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com