Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844002 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 844002
Description  Two LVDS outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844002 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 844002 Datasheet HTML 5Page - Integrated Device Technology 844002 Datasheet HTML 6Page - Integrated Device Technology 844002 Datasheet HTML 7Page - Integrated Device Technology 844002 Datasheet HTML 8Page - Integrated Device Technology 844002 Datasheet HTML 9Page - Integrated Device Technology 844002 Datasheet HTML 10Page - Integrated Device Technology 844002 Datasheet HTML 11Page - Integrated Device Technology 844002 Datasheet HTML 12Page - Integrated Device Technology 844002 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REVISION B 6/9/15
844002 DATA SHEET
9
FEMTOCLOCKS™ CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
INPUTS:
CRYSTAL INPUTS
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
Ω resistor can be tied
from XTAL_IN to ground.
REF_CLK INPUT
For applications not requiring the use of the reference clock,
it can be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the REF_CLK to ground.
LVCMOS CONTROL PINS
All control pins have internal pulldowns; additional resistance is not
required but can be added for additional protection. A 1k
Ω resistor
can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVDS OUTPUTS
All unused LVDS output pairs can be either left floating or terminated
with 100
Ω across. If they are left floating, we recommend that there
is no trace attached.
LVCMOS TO XTAL INTERFACE
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 3. The XTAL_OUT pin can be left floating. The
input edge rate can be as slow as 10ns. For LVCMOS inputs, it
is recommended that the amplitude be reduced from full swing to
half swing in order to prevent signal interference with the power
rail and to reduce noise. This configuration requires that the output
FIGURE 3. GENERAL DIAGRAM FOR LVCMOS DRIVER TO XTAL INPUT INTERFACE
impedance of the driver (Ro) plus the series resistance (Rs) equals
the transmission line impedance. In addition, matched termination
at the crystal input will attenuate the signal in half. This can be done
in one of two ways. First, R1 and R2 in parallel should equal the
transmission line impedance. For most 50
Ω applications, R1 and
R2 can be 100
Ω. This can also be accomplished by removing R1
and making R2 50
Ω.
R2
Zo = 50
VDD
Ro
Zo = Ro + Rs
R1
VDD
XTAL_IN
XTAL_OUT
.1uf
Rs


Similar Part No. - 844002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844002 RENESAS-844002 Datasheet
493Kb / 17P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Device Techn...
844002-01 IDT-844002-01 Datasheet
224Kb / 15P
   FemtoClocks?밅rystal-TO-LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844002AG-01 IDT-844002AG-01 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
844002AG-01LF IDT-844002AG-01LF Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
More results

Similar Description - 844002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
Maxim Integrated Produc...
MAX105EVKIT MAXIM-MAX105EVKIT Datasheet
560Kb / 10P
   Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
logo
STMicroelectronics
L99MD02 STMICROELECTRONICS-L99MD02 Datasheet
585Kb / 46P
   Two current monitor outputs
February 2011 Rev 5
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Integrated Device Techn...
ICS844N255I IDT-ICS844N255I Datasheet
1Mb / 21P
   Six differential LVDS clock outputs
logo
National Semiconductor ...
DS92LV222A NSC-DS92LV222A Datasheet
120Kb / 8P
   Two Channel Bus LVDS MUXed Repeater
logo
Maxim Integrated Produc...
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Analog Devices
AD9575 AD-AD9575 Datasheet
316Kb / 16P
   Network Clock Generator, Two Outputs
REV. 0
logo
STMicroelectronics
AN4442 STMICROELECTRONICS-AN4442 Datasheet
154Kb / 3P
   Two-channel LVDS repeater with the RHFLVDSR2D2
logo
National Semiconductor ...
LM2645 NSC-LM2645 Datasheet
497Kb / 20P
   Advanced Two-Phase Switching Controller With Two Linear Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com