Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8V44N4614 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 8V44N4614
Description  Clock generator for wireless base-band systems
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8V44N4614 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 8V44N4614 Datasheet HTML 7Page - Integrated Device Technology 8V44N4614 Datasheet HTML 8Page - Integrated Device Technology 8V44N4614 Datasheet HTML 9Page - Integrated Device Technology 8V44N4614 Datasheet HTML 10Page - Integrated Device Technology 8V44N4614 Datasheet HTML 11Page - Integrated Device Technology 8V44N4614 Datasheet HTML 12Page - Integrated Device Technology 8V44N4614 Datasheet HTML 13Page - Integrated Device Technology 8V44N4614 Datasheet HTML 14Page - Integrated Device Technology 8V44N4614 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
8V44N4614 DATA SHEET
REVISION 1 02/25/15
11
FEMTOCLOCK® NG JITTER ATTENUATOR AND CLOCK SYNTHESIZER
Divider Control Register
Register
Register Bit
D7
1
P1
P0
NC1
NC0
NB1
NB0
NA1
NA0
LVCMOS Output Control Register
Table 4B. Divider Control Register Bit Allocations
D6
D5
D4
D3
D2
D1
D0
Table 4C. Divider Control Register Function Descriptions
Bits
Name
Factory Default
Function
Nm[1:0]
Output Divider
Setting
NA = 01
NB = 11
NC = 10
These bits control the selection of the divider N for the output clock:
00
÷16
01
÷20
10
÷25
11
÷100
P[1:0]
PLL Pre-Divider
Setting
P = 11
These bits control the selection of the input pre-divider P:
00
÷1
01
÷2
10
÷4
11
÷8
m = Output bank A, B, C
Table 4D. LVCMOS Output Control Register Bit Allocations
Register
Register Bit
D7
D6
D5
D4
D3
D2
D1
D0
2
INVC1
INVC0
INVB3
INVB2
INVB1
INVB0
INVA4
INVA3
3
INVC3
INVC2
Reserved
ENA_QA4
ENA_QA3
ENA_QA2
ENA_QA1
ENA_QA0
Table 4E. LVCMOS Output Control Register Function Descriptions
Bits
Name
Factory Default
Function
INVn
Output Phase Inversion
Reg 2: 1010 1010
Reg 3: 1000 1101
0 = Qn output phase is normal (0°)
1 = Qn output phase is inverted (180°)


Similar Part No. - 8V44N4614

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
   FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
More results

Similar Description - 8V44N4614

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
logo
Integrated Circuit Syst...
ICS9158-05 ICST-ICS9158-05 Datasheet
175Kb / 7P
   Buffered Clock Generator for Pentium??/Triton??Systems
logo
NXP Semiconductors
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
logo
List of Unclassifed Man...
RWS-436-5 ETC2-RWS-436-5 Datasheet
371Kb / 4P
   Wireless Narrow Band Receiver Module Systems
RWS-436-4 ETC2-RWS-436-4 Datasheet
380Kb / 4P
   Wireless Narrow Band Receiver Module Systems
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
List of Unclassifed Man...
SAA9057A ETC1-SAA9057A Datasheet
301Kb / 6P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com