Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T49NS010 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8T49NS010
Description  Ten differential outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T49NS010 Datasheet(HTML) 4 Page - Integrated Device Technology

  8T49NS010 Datasheet HTML 1Page - Integrated Device Technology 8T49NS010 Datasheet HTML 2Page - Integrated Device Technology 8T49NS010 Datasheet HTML 3Page - Integrated Device Technology 8T49NS010 Datasheet HTML 4Page - Integrated Device Technology 8T49NS010 Datasheet HTML 5Page - Integrated Device Technology 8T49NS010 Datasheet HTML 6Page - Integrated Device Technology 8T49NS010 Datasheet HTML 7Page - Integrated Device Technology 8T49NS010 Datasheet HTML 8Page - Integrated Device Technology 8T49NS010 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
8T49NS010 DATA SHEET
CLOCK SYNTHESIZER AND FANOUT BUFFER/DIVIDER
4
REVISION 1 11/19/14
13
N0
Input
Pullup
Output Divider. Refer to Table 4C.
14
N1
Input
Pullup
Output Divider. Refer to Table 4C.
15
VDD_CP
Power
Power Supply Voltage to Charge Pump (3.3V).
16
CP
Output
Charge Pump.
17
VSS_CP
Power
Power Supply Ground for Charge Pump - Return for VDD_CP.
18
VDD_FB
Power
Power Supply Voltage to Feedback Divider (3.3V).
19
VSS_FB
Power
Power Supply Ground to Feedback Divider (3.3V). Return for VDD_FB.
20
VDD_LC_IN
Power
Power Supply Voltage for LC Interface. (3.3V).
21
VSS_A2
Power
Power Supply Ground for VCO.
22
VDD_A2
Power
Power Supply Voltage for VCO.
23
BIAS_CAP
Bias Capacitor.
24
BIAS_CAPR
Bias Capacitor Return.
25
Loop_Filter_R
Loop Filter Return.
26
Loop_Filter
Loop Filter Capacitor.
27
VEE_A
Power
Power Supply ground for VCO. Return for VDD_A pin 28.
28
VDD_A
Power
Power Supply for VCO.
29
NC
Unused
No internal connection.
30
NC
Unused
No internal connection.
31
nQCLK5
Output
Differential clock output pair. FORMAT #1 or FORMAT #2 output levels.
32
QCLK5
Output
33
nQCLK6
Output
Differential clock output pair. FORMAT #1 or FORMAT #2 output levels.
34
QCLK6
Output
35
VDD_CLK
Power
Power Supply Voltage (3.3V).
36
nQCLK7
Output
Differential clock output pair. FORMAT #1 or FORMAT #2 output levels.
37
QCLK7
Output
38
nQCLK8
Output
Differential clock output pair. FORMAT #1 or FORMAT #2 output levels.
39
QCLK8
Output
40
VDD_CLK
Power
Power Supply Voltage (3.3V).
41
nQCLK9
Output
Differential clock output pair. FORMAT #1 or FORMAT #2 output levels.
42
QCLK9
Output
43
VSS_I2C
Power
Power Supply Ground for I2C. Return for Pin 48 VDD_I2C.
44
SCLK
Input
Pullup
I2C clock input. LVCMOS interface levels.
45
SDATA
I/O
Pullup
I2C data Input/Output: LVCMOS interface levels. Open Drain Pin.
Table 1. Pin Descriptions1 (Continued)
Number
Name
Type
Description


Similar Part No. - 8T49NS010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49NS010 RENESAS-8T49NS010 Datasheet
925Kb / 38P
   Clock Synthesizer and Fanout Buffer/Divider
10/15/15
8T49NS010-156NLGI RENESAS-8T49NS010-156NLGI Datasheet
925Kb / 38P
   Clock Synthesizer and Fanout Buffer/Divider
10/15/15
More results

Similar Description - 8T49NS010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
   Ten selectable differential LVPECL or LVDS outputs
logo
Infineon Technologies A...
TLE94110ES INFINEON-TLE94110ES Datasheet
2Mb / 80P
   Ten half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HC4017F TI-CD54HC4017F Datasheet
215Kb / 12P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Integrated Device Techn...
IDT8T53S111I IDT-IDT8T53S111I Datasheet
501Kb / 18P
   Ten low skew, low additive jitter LVPECL outputs
8V97051 IDT-8V97051 Datasheet
775Kb / 56P
   Dual Differential Outputs
logo
Maxim Integrated Produc...
MAX104EVKIT MAXIM-MAX104EVKIT Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
logo
M/A-COM Technology Solu...
MAAM-011169 MA-COM-MAAM-011169 Datasheet
1Mb / 10P
   Differential Inputs and Outputs
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com