Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5190 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5190
Description  8-Bit, 40MHz, Current/Voltage-Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5190 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5190 Datasheet HTML 1Page - Maxim Integrated Products MAX5190 Datasheet HTML 2Page - Maxim Integrated Products MAX5190 Datasheet HTML 3Page - Maxim Integrated Products MAX5190 Datasheet HTML 4Page - Maxim Integrated Products MAX5190 Datasheet HTML 5Page - Maxim Integrated Products MAX5190 Datasheet HTML 6Page - Maxim Integrated Products MAX5190 Datasheet HTML 7Page - Maxim Integrated Products MAX5190 Datasheet HTML 8Page - Maxim Integrated Products MAX5190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
8-Bit, 40MHz, Current/Voltage-Output DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +3V ±10%, AGND = DGND = 0, fCLK = 40MHz, IFS = 1mA, 400
Ω differential output, CL = 5pF, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD, DVDD to AGND, DGND .................................-0.3V to +6V
Digital Input to DGND...............................................-0.3V to +6V
OUTP, OUTN, CREF to AGND .................................-0.3V to +6V
VREF to AGND ..........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AVDD to DVDD.....................................................................±3.3V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
24-Pin QSOP (derate 9.50mW/°C above +70°C)........762mW
Operating Temperature Ranges
MAX5187BEEG/MAX5190BEEG ....................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
fOUT = 2.2MHz
fOUT = 550kHz
fOUT = 2.2MHz
fOUT = 550kHz
fOUT = 2.2MHz
fOUT = 550kHz
ANALOG OUTPUT
DYNAMIC PERFORMANCE
STATIC PERFORMANCE
Full-Scale Output Current
IFS
0.5
1
1.5
mA
DAC External Output Resistor
Load
RL
400
MAX5187 only
MAX5187 only
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Full-Scale Error
-20
±4
+20
LSB
Zero-Scale Error
-4
+4
LSB
Differential Nonlinearity
DNL
-1
±0.25
+1
LSB
Output Settling Time
25
ns
Glitch Impulse
10
pVs
Spurious-Free Dynamic Range
to Nyquist
SFDR
72
dBc
57
70
Resolution
N
8
Bits
Integral Nonlinearity
INL
-1
±0.25
+1
LSB
Total Harmonic Distortion
to Nyquist
THD
-70
dB
-68
-63
Signal-to-Noise Ratio
to Nyquist
SNR
52
dB
46
52
Clock and Data Feedthrough
50
nVs
Output Noise
10
pA/
√Hz
Full-Scale Output Voltage
VFS
400
mV
Voltage Compliance of Output
-0.3
0.8
V
Output Leakage Current
-1
1
µA
CONDITIONS
fCLK = 40MHz
(Note 1)
MAX5191
Guaranteed monotonic
To ±0.5LSB error band
fCLK = 40MHz
fCLK = 40MHz
All 0s to all 1s
DACEN = 0, MAX5187 only
MAX5182
-1
+1
STATIC PERFORMANCE
DYNAMIC PERFORMANCE
ANALOG OUTPUT


Similar Part No. - MAX5190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX519 MAXIM-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5191BEEI MAXIM-MAX5191BEEI Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5195EGM MAXIM-MAX5195EGM Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX519ACPE MAXIM-MAX519ACPE Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
More results

Similar Description - MAX5190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com