Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5186BEEI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5186BEEI
Description  Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5186BEEI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5186BEEI Datasheet HTML 1Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 2Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 3Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 4Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 5Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX5186BEEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
560
570
590
580
600
610
2.5
3.5
3.0
4.0
4.5
5.0
5.5
STANDBY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX5189
MAX5186
540
560
550
580
570
590
600
-40
10
-15
35
60
85
STANDBY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX5189
MAX5186
0.45
0.55
0.50
0.60
0.65
0.70
0.75
0.80
2.5
3.5
3.0
4.5
4.0
5.0
5.5
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX5186
MAX5189
Dual, 8-Bit, 40MHz, Current/Voltage,
Simultaneous-Output DACs
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(AVDD = DVDD = +3V, AGND = DGND = 0, 400
Ω differential output, IFS = 1mA, CL = 5pF, TA = +25°C, unless otherwise noted.)
1.23
1.24
1.26
1.25
1.27
1.28
2.5
3.5
3.0
4.0
4.5
5.0
5.5
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX5186
MAX5189
1.23
1.24
1.26
1.25
1.27
1.28
-40
-15
10
35
60
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX5186
MAX5189
0
1
2
3
4
0
200
100
400
300
500
OUTPUT CURRENT
vs. REFERENCE CURRENT
REFERENCE CURRENT (
µA)
DYNAMIC RESPONSE RISE TIME
50ns/div
OUT_P
150mV/
div
OUT_N
150mV/
div
DYNAMIC RESPONSE FALL TIME
50ns/div
OUT_P
150mV/
div
OUT_N
150mV/
div
SETTLING TIME
12.5ns/div
OUT_N
100mV/
div
OUT_P
100mV/
div


Similar Part No. - MAX5186BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX518 MAXIM-MAX518 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5186BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com