Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5185BEEI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5185BEEI
Description  Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5185BEEI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5185BEEI Datasheet HTML 3Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 4Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 5Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 9Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 10Page - Maxim Integrated Products MAX5185BEEI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Dual, 10-Bit, 40MHz Current/Voltage
Alternate-Phase Output DACs
_______________________________________________________________________________________
7
Clock Input
CLK
9
No Connection. Do not connect to this pin.
N.C.
10
Active-Low Reference Enable. Connect to DGND to activate the on-chip +1.2V reference.
REN
11
Data Bit D0 (LSB) to Data Bit D9 (MSB)
D0–D9
12–21
Digital Supply, +2.7V to +3.3V
DVDD
22
Analog Positive Supply, +2.7V to +3.3V
AVDD
5
DAC Enable, Digital Input
0: Enter DAC standby mode with PD = DGND
1: Power-up DAC with PD = DGND
X: Enter shutdown mode with PD = DVDD (X = don’t care)
DACEN
6
Power-Down Select
0: Enter DAC standby mode (DACEN = DGND) or power-up DAC (DACEN = DVDD)
1: Enter shutdown mode
PD
7
Active-Low Chip Select
CS
8
Analog Ground
AGND
4
Negative Analog Output, DAC1. Current output for MAX5182; voltage output for MAX5185.
OUT1N
3
PIN
Positive Analog Output, DAC1. Current output for MAX5182; voltage output for MAX5185.
OUT1P
2
Reference Bias Bypass, DAC1
CREF1
1
FUNCTION
NAME
Positive Analog Output, DAC2. Current output for MAX5182; voltage output for MAX5185.
OUT2P
27
Reference Bias Bypass, DAC2
CREF2
28
Negative Analog Output, DAC2. Current output for MAX5182; voltage output for MAX5185.
OUT2N
26
Reference Output
REFO
25
Reference Input
REFR
24
Digital Ground
DGND
23
______________________________________________________________Pin Description


Similar Part No. - MAX5185BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX518 MAXIM-MAX518 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5185BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com