Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5186 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5186
Description  Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5186 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5186 Datasheet HTML 1Page - Maxim Integrated Products MAX5186 Datasheet HTML 2Page - Maxim Integrated Products MAX5186 Datasheet HTML 3Page - Maxim Integrated Products MAX5186 Datasheet HTML 4Page - Maxim Integrated Products MAX5186 Datasheet HTML 5Page - Maxim Integrated Products MAX5186 Datasheet HTML 6Page - Maxim Integrated Products MAX5186 Datasheet HTML 7Page - Maxim Integrated Products MAX5186 Datasheet HTML 8Page - Maxim Integrated Products MAX5186 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Dual, 8-Bit, 40MHz, Current/Voltage,
Simultaneous-Output DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +3V ±10%, AGND = DGND = 0, fCLK = 40MHz, IFS = 1mA, 400
Ω differential output, CL = 5pF, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD, DVDD to AGND, DGND ................................ -0.3V to +6V
Digital Input to DGND.............................................. -0.3V to +6V
OUT1P, OUT1N, OUT2P, OUT2N, CREF1,
CREF2 to AGND .................................................. -0.3V to +6V
VREF to AGND ......................................................... -0.3V to +6V
AGND to DGND................................................... -0.3V to +0.3V
AVDD to DVDD.................................................................... ±3.3V
Maximum Current into Any Pin........................................... 50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin QSOP (derate 9.00mW/°C above +70°C) ....... 725mW
Operating Temperature Ranges
MAX518_BEEI................................................. -40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Full-Scale Error
-4
+4
MAX5189
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
-20
±4
+20
LSB
Zero-Scale Error
-1
+1
LSB
Differential Nonlinearity
DNL
-1
±0.25
+1
LSB
Output Settling Time
25
ns
Glitch Impulse
10
pVs
SFDR
72
dBc
8
Bits
Integral Nonlinearity
INL
-1
±0.25
+1
LSB
57
70
DAC-to-DAC Output Isolation
-60
dB
Clock and Data Feedthrough
50
nVs
Output Noise
10
pA/
√Hz
Gain Mismatch Between DAC
Outputs
±0.5
±1
LSB
Phase Mismatch Between DAC
Outputs
±0.15
degrees
CONDITIONS
fCLK = 40MHz
(Note 1)
MAX5186
Guaranteed monotonic
To ±0.5LSB error band
fOUT = 2.2MHz
All 0s to all 1s
fOUT = 2.2MHz, TA = +25°C
fOUT = 2.2MHz
Resolution
N
Spurious-Free Dynamic Range
to Nyquist
fOUT = 2.2MHz, TA = +25°C
fOUT = 550kHz
THD
-70
dB
-68
-63
fCLK = 40MHz
fOUT = 2.2MHz, TA = +25°C
Total Harmonic Distortion
to Nyquist
fOUT = 550kHz
SNR
52
dB
46
52
fCLK = 40MHz
fOUT = 2.2MHz, TA = +25°C
Signal-to-Noise-Ratio to Nyquist
fOUT = 550kHz
DYNAMIC PERFORMANCE


Similar Part No. - MAX5186

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX518 MAXIM-MAX518 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5186

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com