Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5182BEEI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5182BEEI
Description  Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5182BEEI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5182BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 9Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 10Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 11Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 12Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 13Page - Maxim Integrated Products MAX5182BEEI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Dual, 10-Bit, 40MHz Current/Voltage
Alternate-Phase Output DACs
10
______________________________________________________________________________________
PD
(POWER-DOWN SELECT)
DACEN
(DAC ENABLE)
POWER-DOWN MODE
OUTPUT STATE
0
0
Standby
MAX5182
High-Z
MAX5185
AGND
0
1
Wake-Up
Last state prior to standby mode
1
X
Shutdown
MAX5182
High-Z
MAX5185
AGND
Table 1. Power-Down Mode Selection
X = Don’t care
External Reference
To disable the MAX5182/MAX5185’s internal reference,
connect REN to DVDD. A temperature-stable, external
reference may now be applied to drive the REFO pin
(Figure 3) to set the full-scale output. Be sure to choose
a reference capable of supplying at least 150µA to
drive the bias circuit that generates the cascode cur-
rent for the current array. For improved accuracy and
drift performance, chose a fixed output voltage refer-
ence such as the +1.2V, 25ppm/°C MAX6520 bandgap
reference.
Standby Mode
To enter the lower power standby mode, connect digital
inputs PD and DACEN to DGND. In standby, both the
reference and the control amplifier are active, with the
current array inactive. To exit this condition, DACEN
must be pulled high with PD held at DGND. The
MAX5182/MAX5185 typically require 50µs to wake up
and let both outputs and reference settle.
Shutdown Mode
For lowest power consumption, the MAX5182/MAX5185
provide a power-down mode in which the reference,
control amplifier, and current array are inactive and the
DACs supply current is reduced to 1µA. To enter this
mode, connect PD to DVDD. To return to active mode,
connect PD to DGND and DACEN to DVDD. About 50µs
are required for the devices to leave the shutdown
mode and to settle their outputs to the values prior to
shutdown. Table 1 lists the power-down mode selection.
Timing Information
Both internal DAC cells write to their outputs in alternate
phase (Figure 4). The input latch of the first DAC
(DAC1) is loaded after the clock signal transitions high.
When the clock signal transitions low, the input latch of
the second DAC (DAC2) is loaded. The contents of the
first input latch are shifted into the DAC1 register on the
rising edge of the clock; the contents of the second
input latch are shifted into the input register of DAC2 on
the falling edge of the clock. Both outputs are updated
on alternate phases of the clock.
CLK
D0–D9
OUT1
N - 1
DAC1
DAC2
DAC1
DAC2
DAC1
DAC2
N - 1
N
N - 1
N + 1
N
N
N + 1
N + 1
tDS1
tCH
tCL
tCLK
OUT2
N
N - 1
N + 1
tDS1
tDH1
tDH2
Figure 4. Timing Diagram


Similar Part No. - MAX5182BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX518 MAXIM-MAX518 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5182BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com