Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2005AEV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2005AEV
Description  Very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005AEV Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2005AEV_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2005AEV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2003 Aug 20
2
NXP Semiconductors
Product data sheet
Very low VF MEGA
Schottky barrier rectifiers
PMEG2005AEV; PMEG3005AEV;
PMEG4005AEV
FEATURES
• Very low forward voltage
• High surge current
• Ultra small plastic SMD package.
APPLICATIONS
• Low voltage rectification
• High efficiency DC/DC conversion
• Voltage clamping
• Inverse polarity protection
• Low power consumption applications.
DESCRIPTION
Planar Maximum Efficiency General Application (MEGA)
Schottky barrier rectifier with an integrated guard ring for
stress protection, encapsulated in a SOT666 ultra small
SMD plastic package.
PINNING
PIN
DESCRIPTION
1
cathode
2
cathode
3
anode
4
anode
5
cathode
6
cathode
handbook, halfpage
12
3
4
5
6
1, 2
5, 6
3, 4
MHC310
Fig.1
Simplified outline (SOT666 and symbol).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
IF
forward current
0.5
A
VR
reverse voltage
PMEG2005AEV
20
V
PMEG3005AEV
30
V
PMEG4005AEV
40
V
MARKING
RELATED PRODUCTS
TYPE NUMBER
MARKING CODE
PMEG2005AEV
G1
PMEG3005AEV
G2
PMEG4005AEV
G3
TYPE NUMBER
DESCRIPTION
FEATURE
PMEGxx05AEA
0.5 A; 20/30/40 V very low VF MEGA Schottky rectifier
SOD323 (SC-76) package
PMEG2005EB
0.5 A; 20 V very low VF MEGA Schottky rectifier
SOD523 (SC-79) package
PMEG2010EA
1 A; 20 V very low VF MEGA Schottky rectifier
higher forward current


Similar Part No. - PMEG2005AEV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV NXP-PMEG2005AEV Datasheet
316Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
316Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
logo
Nexperia B.V. All right...
PMEG2005AEV NEXPERIA-PMEG2005AEV Datasheet
183Kb / 8P
   20 V, 0.5 A very low VF Schottky barrier rectifier
28 December 2022
More results

Similar Description - PMEG2005AEV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA NXP-PMEG2005AEA Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA Datasheet
72Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV NXP-PMEG2005AEV Datasheet
316Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
316Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com