Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5184 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5184
Description  10-Bit, 40MHz, Current/Voltage-Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5184 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5184 Datasheet HTML 6Page - Maxim Integrated Products MAX5184 Datasheet HTML 7Page - Maxim Integrated Products MAX5184 Datasheet HTML 8Page - Maxim Integrated Products MAX5184 Datasheet HTML 9Page - Maxim Integrated Products MAX5184 Datasheet HTML 10Page - Maxim Integrated Products MAX5184 Datasheet HTML 11Page - Maxim Integrated Products MAX5184 Datasheet HTML 12Page - Maxim Integrated Products MAX5184 Datasheet HTML 13Page - Maxim Integrated Products MAX5184 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10-Bit, 40MHz, Current/Voltage-Output DACs
10
______________________________________________________________________________________
Applications Information
Static and Dynamic
Performance Definitions
Integral Nonlinearity
Integral nonlinearity (INL) (Figure 5a) is the deviation of
the values on an actual transfer function from either a
best-straight-line fit (closest approximation to the actual
transfer curve) or a line drawn between the endpoints
of the transfer function once offset and gain errors have
been nullified. For a DAC, the deviations are measured
every single step.
Differential Nonlinearity
Differential nonlinearity (DNL) (Figure 5b) is the differ-
ence between an actual step height and the ideal value
of 1LSB. A DNL error specification of less than 1LSB
guarantees no missing codes and a monotonic transfer
function.
Table 1. Power-Down Mode Selection
X = Don’t care
9.6k*
IFS
0.1
µF
10
µF
DVDD
RSET
REFR
AVDD
REFO
+1.2V
BANDGAP
REFERENCE
REN
DGND
AGND
AGND
CURRENT-
SOURCE ARRAY
EXTERNAL
+1.2V
REFERENCE
*9.6k
Ω REFERENCE CURRENT-SET RESISTOR
INTERNAL TO MAX5184 ONLY. USE EXTERNAL
RSET FOR MAX5181.
MAX5181
MAX5184
MAX6520
Figure 3. MAX5181/MAX5184 with External Reference
Wake-Up
High-Z
High-Z
MAX5181
MAX5181
AGND
MAX5184
Shutdown
X
1
Last state prior to standby mode
1
0
AGND
MAX5184
Standby
0
0
OUTPUT STATE
POWER-DOWN MODE
DACEN (DAC ENABLE)
PD
(POWER-DOWN SELECT)


Similar Part No. - MAX5184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5184BEEG MAXIM-MAX5184BEEG Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5184ETG MAXIM-MAX5184ETG Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5184ETV MAXIM-MAX5184ETV Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
More results

Similar Description - MAX5184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com