Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5183BEEI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5183BEEI
Description  Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5183BEEI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5183BEEI Datasheet HTML 1Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 2Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 3Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 4Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 5Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX5183BEEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX5180 contains two 10-bit, simultaneous-
update, current output digital-to-analog converters
(DACs) designed for superior performance in communi-
cations systems requiring analog signal reconstruction
with low distortion and low-power operation. The
MAX5183 provides equal specifications, with on-chip
precision resistors for voltage output operation. Both
devices are designed for 10pVs glitch operation to min-
imize unwanted spurious signal components at the out-
put. An on-board +1.2V bandgap circuit provides a
well-regulated, low-noise reference that can be dis-
abled for external reference operation.
The MAX5180/MAX5183 are designed to provide a high
level of signal integrity for the least amount of power dis-
sipation. Both DACs operate from a single supply of
+2.7V to +3.3V. Additionally, these DACs have three
modes of operation: normal, low-power standby, and
complete shutdown, which provides the lowest possible
power dissipation with 1µA (max) shutdown current. A
fast wake-up time (0.5µs) from standby mode to full DAC
operation conserves power by activating the DACs only
when required.
The MAX5180/MAX5183 are packaged in a 28-pin QSOP
and are specified for the extended (-40°C to +85°C)
temperature range. For lower-resolution, dual 8-bit
versions, refer to the MAX5186/MAX5189 data sheet.
Applications
Signal Reconstruction of I and Q
Transmit Signals
Digital Signal Processing
Arbitrary Waveform Generation (AWG)
Imaging
Features
o +2.7V to +3.3V Single-Supply Operation
o Wide Spurious-Free Dynamic Range: 70dB
at fOUT = 2.2MHz
o Fully Differential Outputs for Each DAC
o ±0.5% FSR Gain Mismatch
o ±0.2° Phase Mismatch
o Low-Current Standby or Full Shutdown Modes
o Internal +1.2V Low-Noise Bandgap Reference
o Small 28-Pin QSOP Package
Dual, 10-Bit, 40MHz, Current/Voltage
Simultaneous-Output DACs
________________________________________________________________ Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CREF2
OUT2P
OUT2N
REFO
REFR
DGND
D3
DVDD
D9
D8
D7
D6
D5
D4
D2
D1
D0
REN
N.C.
CLK
CS
PD
DACEN
AVDD
AGND
OUT1N
OUT1P
CREF1
QSOP
TOP VIEW
MAX5180
MAX5183
19-1577; Rev 0; 10/99
PART
MAX5180BEEI
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
28 QSOP
Pin Configuration
Ordering Information
MAX5183BEEI
-40°C to +85°C
28 QSOP


Similar Part No. - MAX5183BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX518 MAXIM-MAX518 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
More results

Similar Description - MAX5183BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com