Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5175BEEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5175BEEE
Description  Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5175BEEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5175BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5175BEEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Low-Power, Serial, 12-Bit DACs with
Force/Sense Voltage Output
______________________________________________________________________________________
11
The MAX5175/MAX5177 accept one 16-bit packet or
two 8-bit packets sent while CS remains low. The
devices allow the following to be configured:
• Clock edge on which serial data output (DOUT) is
clocked out
• State of the user-programmable logic output
• Reset state.
Specific commands for setting these are shown in
Table 1.
The general timing diagram in Figure 4 illustrates how
the MAX5175/MAX5177 acquire data. CS must go low
at least tCSS before the rising edge of the serial clock
(SCLK). With CS low, data is clocked into the register
on the rising edge of SCLK. The maximum serial clock
frequency guaranteed for proper operation is 10MHz
for the MAX5175 and 6MHz for the MAX5177. See
Figure 5 for a detailed timing diagram of the serial inter-
face.
Table 1. Serial-Interface Programming Commands
Load input register; DAC registers are updated (start up DAC with
new data).
1
0
Load input register; DAC registers are unchanged.
0
0
12-bit DAC data
12-bit DAC data
00
00
16-BIT SERIAL WORD
D11..................D0
S1, S0
C1
FUNCTION
C0
No operation (NOP).
1
1
0 0 x x xxxx xxxx
xxxx xxxx xxxx
xx
xx
Update DAC register from input register (start up DAC with data
previously stored in the input registers).
0
1
UPO goes low (default).
1
1
1 0 0 x xxxx xxxx
0 1 x x xxxx xxxx
xx
xx
Mode 1, DOUT clocked out on SCLK’s rising edge.
1
1
1 1 0 x xxxx xxxx
1 0 1 x xxxx xxxx
xx
xx
UPO goes high.
1
1
Shut down DAC (provided PDL = 1).
1
1
Mode 0, DOUT clocked out on SCLK’s falling edge (default).
1
1
1 1 1 x xxxx xxxx
xx
DIN
SCLK
CS
MOSI
SCK
I/O
MAX5175
MAX5177
MICROWIRE
PORT
SS
+5V
CPOL = 0, CPHA = 0
Figure 2. Connections for SPI/QSPI Standards
SCLK
DIN
CS
SK
SO
I/O
SPI/QSPI
PORT
CPOL = 0, CPHA = 0
MAX5175
MAX5177
Figure 3. Connections for MICROWIRE


Similar Part No. - MAX5175BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX5175BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com