Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX510 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX510
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX510 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX510 Datasheet HTML 1Page - Maxim Integrated Products MAX510 Datasheet HTML 2Page - Maxim Integrated Products MAX510 Datasheet HTML 3Page - Maxim Integrated Products MAX510 Datasheet HTML 4Page - Maxim Integrated Products MAX510 Datasheet HTML 5Page - Maxim Integrated Products MAX510 Datasheet HTML 6Page - Maxim Integrated Products MAX510 Datasheet HTML 7Page - Maxim Integrated Products MAX510 Datasheet HTML 8Page - Maxim Integrated Products MAX510 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
5
12
0
0
1.2
OUTPUT SINK CURRENT
vs. (VOUT - VSS)
2
10
VOUT - VSS (V)
0.8
6
4
0.2
0.6
1.0
8
0.4
VDD = VREF = +5V
VSS = GND = 0V
ALL DIGITAL INPUTS = 00 HEX
-25
0
3.6
4.6
-20
VOUT (V)
4.4
-10
-5
3.8
4.0
-15
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
4.8
5.0
4.2
VDD = VREF = +5V
VSS = GND
DIGITAL INPUT = FF HEX
7
0
-60
-20
40
100
SUPPLY CURRENT
vs. TEMPERATURE
2
6
TEMPERATURE (
°C)
20
80
4
5
3
1
-40
0
60
120 140
IDD
ISS
VDD = +5.5V
VSS = -5.5V
VREF = -4.75
ALL DIGITAL INPUTS = +5V
6
0
-5
5
SUPPLY CURRENT
vs. REFERENCE VOLTAGE
1
5
VREF VOLTAGE (V)
0
3
2
-4
-2
2
4
4
3
1
-1
-3
VDD = +5V
ALL LOGIC
INPUTS = +5V
VSS = -5V
VSS = 0V
0
1k
10k
100k
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
-40
FREQUENCY (Hz)
-30
-20
-10
1M
10M
VDD = +5V
VSS = AGND
VREF = 2.5VDC + 0.5Vp-p SINE WAVE
-40
-90
02
6
10
THD + NOISE AT DAC OUTPUT
vs. REFERENCE AMPLITUDE
-80
-50
REFERENCE AMPLITUDE (Vp-p)
48
-60
-70
-85
-75
-65
-55
-45
1%
0.01%
0.1%
FREQ = 20kHz
FREQ = 1kHz
VDD = +5V
VSS = -5V
INPUT CODE = FF HEX
-20
-80
10
1k
100k
THD + NOISE AT DAC OUTPUT
vs. REFERENCE FREQUENCY
-70
REFERENCE FREQUENCY (Hz)
-60
-50
-40
-90
-30
100
10k
VREF = 8Vp-p
VREF = 1Vp-p
VREF = 4Vp-p
VDD = +5V
VSS = -5V
INPUT CODE = FF HEX
FREQ = SWEPT
10%
1%
0.1%
0.01%
0
1k
10k
100k
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
-40
FREQUENCY (Hz)
-30
-20
-10
1M
10M
VDD = +5V
VSS = AGND
VREF = 2.5VDC + 0.05Vp-p SINE WAVE
0
1k
10k
100k
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
-40
FREQUENCY (Hz)
-30
-20
-10
1M
10M
VDD = +5V
VSS = -5V
VREF = 2.5VDC + 4Vp-p SINE WAVE
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5100AEUP MAXIM-MAX5100AEUP Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5100BEUP MAXIM-MAX5100BEUP Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
   2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101AEUE MAXIM-MAX5101AEUE Datasheet
429Kb / 8P
   2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
More results

Similar Description - MAX510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com