Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2002ESF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2002ESF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMEG2002ESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 10Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 11Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 12Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
8 October 2013
10 / 13
13. Soldering
Footprint information for reflow soldering of leadless ultra small package; 2 terminals
SOD962-2
sod962-2_fr
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm
R0.025 (8×)
0.12
(2×)
0.2
(2×)
0.22
(2×)
0.4
0.85
0.4
Fig. 16. Reflow soldering footprint for DSN0603-2 (SOD962-2)
14. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PMEG2002ESF v.2
20131008
Product data sheet
-
PMEG2002ESF v.1
Modifications:
Product status changed
PMEG2002ESF v.1
20130301
Objective data sheet
-
-


Similar Part No. - PMEG2002ESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG2002ESF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002AESF NEXPERIA-PMEG2002AESF Datasheet
211Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
logo
NXP Semiconductors
PMEG3002AESF PHILIPS-PMEG3002AESF_15 Datasheet
192Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG6002ELD NEXPERIA-PMEG6002ELD Datasheet
704Kb / 14P
   60 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com