Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5151BEPE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5151BEPE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BEPE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5151BEPE Datasheet HTML 7Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 8Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 9Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 10Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 11Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 12Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 13Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 14Page - Maxim Integrated Products MAX5151BEPE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
The address and control bits determine the MAX5150/
MAX5151's response, as outlined in Table 1.
The MAX5150/MAX5151's digital inputs are double
buffered, which allows any of the following: loading the
input register(s) without updating the DAC register(s),
updating the DAC register(s) from the input register(s),
or updating the input and DAC registers concurrently.
The address and control bits allow the DACs to act
independently.
The 16-bit data can be sent as two 8-bit packets (SPI,
Microwire), with CS low during this period. The address
and control bits determine which register will be updat-
ed, and the state of the registers when exiting shut-
down. The 3-bit address/control determines the
following:
• registers to be updated
• clock edge on which data is to be clocked out via
the serial-data output (DOUT)
• state of the user-programmable logic output
• configuration of the device after shutdown.
The general timing diagram of Figure 5 illustrates how
data is acquired. Driving CS low enables the device to
receive data. Otherwise, the interface control circuitry is
disabled. With CS low, data at DIN is clocked into the
register on the rising edge of SCLK. As CS goes high,
data is latched into the input and/or DAC registers
depending on the address and control bits. The maxi-
mum clock frequency guaranteed for proper operation
is 10MHz. Figure 6 depicts a more detailed timing dia-
gram of the serial interface.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
DIN
SCLK
CS
MOSI
SCK
I/O
SPI/QSPI
PORT
SS
+5V
CPOL = 0, CPHA = 0
MAX5150
MAX5151
Figure 3. Connections for SPI/QSPI
Figure 5. Serial-Interface Timing Diagram
CS
SCLK
DIN
COMMAND
EXECUTED
9
8
16
1
C1
A0
D0
C0
D12 D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
______________________________________________________________________________________
11
MSB.......Data Bits.........LSB
D12.................................D0
13 Data Bits
16 Bits of Serial Data
Control Bits
C1, C0
Address Bits
MSB ..................................................................................LSB
A0
1 Address/2 Control Bits
Figure 4. Serial-Data Format


Similar Part No. - MAX5151BEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX515 MAXIM-MAX515 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5152ACEE MAXIM-MAX5152ACEE Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5152ACPE MAXIM-MAX5152ACPE Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5152AEEE MAXIM-MAX5152AEEE Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
More results

Similar Description - MAX5151BEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
logo
IC MICROSYSTEMS
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com