Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX510BEPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX510BEPE
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX510BEPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX510BEPE Datasheet HTML 6Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 7Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 8Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 9Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 10Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 11Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 12Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 13Page - Maxim Integrated Products MAX510BEPE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
10
______________________________________________________________________________________
• • •
• • •
• • •
• • •
• • •
tLDW
SCLK
DIN
DOUT
LDAC
CS
tDO
tDH
tDS
tCSH0
tCSS
tCH
tCL
tCSH1
tCSH2
tCLL
NOTE: TIMING SPECIFICATION tCLL IS RECOMMENDED TO MINIMIZE OUTPUT GLITCH, BUT IS NOT MANDATORY.
Figure 2. Detailed Serial Interface Timing (Mode 0 Shown)
Table 1. Serial-Interface Programming Commands
Mode 0, DOUT clocked out on falling edge of SCLK.
All DACs updated from input registers.
Mode 1, DOUT clocked out on rising edge of SCLK
(default). All DACs updated from respective input
registers.
LDAC” Command, all DACs updated from respective
input registers.
12-Bit Serial Word
0
0
1
1
0
0
1
1
C0
0
0
0
0
0
1
1
1
1
1
1
1
1
C1
1
1
1
0
0
1
1
1
1
0
0
0
0
A0
0
1
X
1
0
0
1
0
1
0
1
0
1
Function
LDAC
D7 . . . . . . . . D0
A1
X
X X X X X X X X
1
X
X X X X X X X X
1
X
X X X X X X X X
0
No Operation (NOP), shifts data in shift register.
X
X X X X X X X X
X
Update all DACs from shift register.
X
8-Bit DAC Data
X
Load input and DAC register A.
Load input and DAC register B.
Load input and DAC register C.
Load input and DAC register D.
1
1
1
1
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data
Load DAC A input register, DAC output unchanged.
Load DAC B input register, DAC output unchanged.
Load DAC C input register, DAC output unchanged.
Load DAC D input register, DAC output unchanged.
1
1
1
1
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data


Similar Part No. - MAX510BEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5100AEUP MAXIM-MAX5100AEUP Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5100BEUP MAXIM-MAX5100BEUP Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
   2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101AEUE MAXIM-MAX5101AEUE Datasheet
429Kb / 8P
   2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
More results

Similar Description - MAX510BEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com