Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG045V050EPD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG045V050EPD
Description  45 V, 5 A low VF MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG045V050EPD Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG045V050EPD_15 Datasheet HTML 1Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 2Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 3Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 4Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 5Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 6Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 7Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 8Page - NXP Semiconductors PMEG045V050EPD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
PMEG045V050EPD
45 V, 5 A low VF MEGA Schottky barrier rectifier
PMEG045V050EPD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
26 January 2015
5 / 15
aaa-014461
tp (s)
10-3
102
103
10
1
10-2
10-1
10
1
102
Zth(j-a)
(K/W)
10-1
0
0.25
0.2
0.1
0.05
0.02
0.01
duty cycle = 1
0.75
0.5
0.33
FR4 PCB, mounting pad for cathode 1 cm2
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-014462
tp (s)
10-3
102
103
10
1
10-2
10-1
10
1
102
Zth(j-a)
(K/W)
10-1
0
0.25
0.2
0.1
0.05
0.02
0.01
duty cycle = 1
0.75
0.5
0.33
Ceramic PCB, Al2O3, standard footprint
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values


Similar Part No. - PMEG045V050EPD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG045V050EPD NEXPERIA-PMEG045V050EPD Datasheet
712Kb / 15P
   45 V, 5 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG045V050EPD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG045V050EPD NEXPERIA-PMEG045V050EPD Datasheet
712Kb / 15P
   45 V, 5 A low VF MEGA Schottky barrier rectifier
PMEG045T050EPD NEXPERIA-PMEG045T050EPD Datasheet
237Kb / 13P
   45 V, 5 A low VF Trench MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG045V100EPD PHILIPS-PMEG045V100EPD_15 Datasheet
232Kb / 15P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
4 December 2014
PMEG045V150EPD PHILIPS-PMEG045V150EPD_15 Datasheet
235Kb / 16P
   45 V, 15 A low VF MEGA Schottky barrier rectifier
22 January 2015
PMEG45A10EPD NXP-PMEG45A10EPD Datasheet
200Kb / 13P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
16 December 2014
logo
Nexperia B.V. All right...
PMEG045V150EPD NEXPERIA-PMEG045V150EPD Datasheet
726Kb / 16P
   45 V, 15 A low VF MEGA Schottky barrier rectifier
PMEG045V100EPD NEXPERIA-PMEG045V100EPD Datasheet
718Kb / 15P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
PMEG45A10EPD NEXPERIA-PMEG45A10EPD Datasheet
688Kb / 13P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
16 December 2014
PMEG045V050EPE-Q NEXPERIA-PMEG045V050EPE-Q Datasheet
260Kb / 11P
   45 V, 5 A low VF Schottky barrier rectifier
15 July 2022
PMEG045V050EPE NEXPERIA-PMEG045V050EPE Datasheet
260Kb / 11P
   45 V, 5 A low VF Schottky barrier rectifier
18 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com