Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5158 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5158
Description  Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5158 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5158 Datasheet HTML 1Page - Maxim Integrated Products MAX5158 Datasheet HTML 2Page - Maxim Integrated Products MAX5158 Datasheet HTML 3Page - Maxim Integrated Products MAX5158 Datasheet HTML 4Page - Maxim Integrated Products MAX5158 Datasheet HTML 5Page - Maxim Integrated Products MAX5158 Datasheet HTML 6Page - Maxim Integrated Products MAX5158 Datasheet HTML 7Page - Maxim Integrated Products MAX5158 Datasheet HTML 8Page - Maxim Integrated Products MAX5158 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Power, Dual, 10-Bit, Voltage-Output DACs
with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX5158 (continued)
(VDD = +5V ±10%, VREFA = VREFB = 2.048V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA= +25°C (OS_ tied to AGND for a gain of +2V/V).)
Note 1: Accuracy is specified from code 2 to code 1023.
Note 2: Accuracy is better than 1LSB for VOUT_ greater than 6mV and less than VDD - 50mV. Guaranteed by PSRR test at the
end points.
Note 3: Digital inputs are set to either VDD or DGND, code = 0000 hex, RL = ∞.
Note 4: SCLK minimum clock period includes rise and fall times.
CS = VDD, fDIN = 100kHz, VSCLK = 5Vp-p
ISOURCE = 2mA
(Note 4)
(Note 3)
(Note 3)
ns
Rail-to-rail (Note 2)
To 1/2LSB of full-scale, VSTEP = 4V
40
ISINK = 2mA
tCL
SCLK Pulse Width Low
CONDITIONS
ns
40
tCH
SCLK Pulse Width High
nV-s
5
Digital Crosstalk
nV-s
5
Digital Feedthrough
µs
25
Time Required to Exit Shutdown
k
24
34
ROS_
OSA or OSB Input Resistance
ns
100
tCP
SCLK Clock Period
µA
0
±1
Reference Current in Shutdown
µA
2
10
IDD(SHDN)
Power-Supply Current
in Shutdown
mA
0.5
0.65
IDD
Power-Supply Current
V
4.5
5.5
VDD
Positive Supply Voltage
ns
40
tDS
SDI Setup Time
ns
V
VDD - 0.5
VOH
Output High Voltage
0
tCSH
SCLK Rise to CS Rise Hold Time
ns
40
tCSS
CS Fall to SCLK Rise Setup Time
CLOAD = 200pF
V
0 to VDD
Output Voltage Swing
µs
8
Output Settling Time
CLOAD = 200pF
ns
80
V
0.13
0.4
VOL
Output Low Voltage
V/µs
0.75
SR
Voltage Output Slew Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
tDO2
SCLK Fall to DOUT
Valid Propagation Delay
ns
80
tDO1
SCLK Rise to DOUT
Valid Propagation Delay
ns
0
tDH
SDI Hold Time
ns
100
tCSW
CS Pulse Width High
ns
40
tCS1
CS Rise to SCLK Rise Hold
ns
10
tCS0
SCLK Rise to CS Fall Delay
DIGITAL OUTPUTS (DOUT, UPO)
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS


Similar Part No. - MAX5158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX515 MAXIM-MAX515 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACEE MAXIM-MAX5150ACEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACPE MAXIM-MAX5150ACPE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150AEEE MAXIM-MAX5150AEEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
More results

Similar Description - MAX5158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
logo
IC MICROSYSTEMS
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com