Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301740008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301740008
Description  Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301740008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301740008 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301740008
Status:
Active
Overview:
Aero-Motive® Retractors
Description:
Aero-Motive® Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock,
Weight Range 3.6-6.8kg (8.0-15.0 lb), 2.40m (8.0') Travel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130174
Cable Length
2.40m (7.87')
Duty
Heavy
Overview
Aero-Motive® Retractors
Product Name
Aero-Motive®
Type
Retractors
UPC
78678860791
Woodhead
Yes
Physical
Cable Diameter
2.38mm (.094")
Cable Movement
Constant Retraction, Ratchet Lock On/Off
Drum Lock
None
Material - Housing
Cast Aluminum
Mounting Style
Hanging
Packaging Type
Carton
Travel Distance
2.40m (8.0')
Weight Range
3.6-6.8kg (8.0-15.0 lb)
Wire/Cable Type
StrandedGalvanized Steel Cable
Material Info
Old Part Number
15FLRCSC
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
Search Parts in this Series
130174 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301740008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301740001 MOLEX11-1301740001 Datasheet
64Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
1301740004 MOLEX11-1301740004 Datasheet
45Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
1301740005 MOLEX11-1301740005 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
1301740009 MOLEX11-1301740009 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
More results

Similar Description - 1301740008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301740005 MOLEX11-1301740005 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
1301740009 MOLEX11-1301740009 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
130174-0008 MOLEX11-130174-0008 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock,
130174-0001 MOLEX11-130174-0001 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock,
130174-0012 MOLEX11-130174-0012 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock,
1301740001 MOLEX11-1301740001 Datasheet
64Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
1301740004 MOLEX11-1301740004 Datasheet
45Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
1301740012 MOLEX11-1301740012 Datasheet
45Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
130174-0004 MOLEX11-130174-0004 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
1301740014 MOLEX11-1301740014 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty Cast Aluminum Retractor with Ratchet Lock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com