Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX509BMJP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX509BMJP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BMJP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX509BMJP Datasheet HTML 1Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 2Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 3Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 4Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 5Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 6Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 7Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 8Page - Maxim Integrated Products MAX509BMJP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
2
_______________________________________________________________________________________
VDD to DGND ..............................................................-0.3V, +6V
VDD to AGND...............................................................-0.3V, +6V
VSS to DGND ...............................................................-6V, +0.3V
VSS to AGND ...............................................................-6V, +0.3V
VDD to VSS .................................................................-0.3V, +12V
Digital Input Voltage to DGND ......................-0.3V, (VDD + 0.3V)
REF_....................................................(VSS - 0.3V), (VDD + 0.3V)
OUT_..............................................................................VDD, VSS
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) ....842mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) .........762mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C) ........800mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW
20-Pin Wide SO (derate 10.00mW/°C above +70°C) .......800mW
20-Pin SSOP (derate 10.00mW/°C above +70°C) ............800mW
20-Pin CERDIP (derate 11.11mW/°C above +70°C) ........889mW
Operating Temperature Ranges:
MAX5_ _ _C_ _ .....................................................0°C to +70°C
MAX5_ _ _E_ _ ..................................................-40°C to +85°C
MAX5_ _ _MJ_ ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±10%, VSS = 0V to -5.5V, VREF = 4V, AGND = DGND = 0V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note: The outputs may be shorted to VDD, VSS, or AGND if the package power dissipation is not exceeded. Typical short-circuitcurrent
to AGND is 50mA. Do not bias AGND more than +1V above DGND, or more than 2.5V below DGND.
ABSOLUTE MAXIMUM RATINGS
Resolution
8
Bits
±1
MAX5_ _A
VREF = +4V,
VSS = 0V or -5V ±10%
MAX5_ _B
±1
MAX5_ _A
Total Unadjusted Error
VREF = -4V,
VSS = -5V ±10%
±1.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
14
MAX5_ _C
16
MAX5_ _E
MAX5_ _B
±10
µV/°C
Code = FF hex
14
MAX5_ _C
Full-Scale Error
±14
mV
Code = FF hex
±10
µV/°C
Code = 00 hex
Zero-Code-Error Supply Rejection
12
mV
Code = 00 hex,
VSS = 0V
20
MAX5_ _M
SYMBOL
TUE
DNL
±14
MAX5_ _C
±16
MAX5_ _E
Zero-Code Error
Code = 00 hex,
VSS = -5V ±10%
±20
mV
MAX5_ _M
ZCE
±1.5
Code = 00 hex, VDD = 5V ±10%,
VSS = 0V or -5V ±10%
Zero-Code
Temperature Coefficient
18
MAX5_ _E
Full-Scale-Error Supply Rejection
Code = FF hex,
VDD = +5V ±10%,
VSS = 0V or -5V ±10%
112
mV
MAX5_ _M
Full-Scale-Error
Temperature Coefficient
STATIC ACCURACY


Similar Part No. - MAX509BMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX5090AATE MAXIM-MAX5090AATE Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090AATE MAXIM-MAX5090AATE Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results

Similar Description - MAX509BMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com