Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5132AEEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5132AEEE
Description  5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5132AEEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5132AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5132AEEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
+5V/+3V, 13-Bit, Serial, Force/Sense DACs
with 10ppm/°C Internal Reference
10
______________________________________________________________________________________
_______________Detailed Description
The MAX5132/MAX5133 13-bit, force/sense DACs are
easily configured with a 3-wire serial interface. They
include a 16-bit data-in/data-out shift register and have a
double-buffered digital input consisting of an input regis-
ter and a DAC register. In addition, these devices
employ precision bandgap references, as well as an out-
put amplifier with accessible feedback and output pins
that can be used for setting the gain externally (Figure 1)
or for forcing and sensing applications. These DACs
are designed with an inverted R-2R ladder network
(Figure 2) that produces a weighted voltage proportion-
al to the digital input code.
Internal Reference
Both devices use an on-board precision bandgap ref-
erence with a low temperature coefficient of only
10ppm/°C (max) to generate an output voltage of +2.5V
(MAX5132) or +1.25V (MAX5133). The REF pin can
source up to 100µA and may become unstable with
capacitive loads exceeding 100pF. REFADJ can be
used for minor adjustments to the reference voltage.
The circuits in Figures 3a and 3b achieve a nominal ref-
erence adjustment range of ±1%. Connect a 33nF
capacitor from REFADJ to AGND to establish low-noise
MAX5132
MAX5133
SR
CONTROL
16-BIT
SHIFT REGISTER
DECODE
CONTROL
INPUT
REGISTER
BANDGAP
REFERENCE
REFERENCE
BUFFER
DAC
REGISTER
DAC
2X
(X1)
DOUT
UPO
OUT
FB
13
4k
1.25V
AGND DGND
VDD
DIN SCLK
CS
2.5V (1.25V)
LOGIC
OUTPUT
CLR
PDL
PD
RSTVAL
REFADJ
( ) FOR MAX5133 ONLY.
REF
Figure 1. Simplified Functional Diagram
OUT
FB
SHOWN FOR ALL 1s ON DAC
D0
D10
D11
D12
*INTERNAL REFERENCE: 2.5V (MAX5132),
1.25V (MAX5133); OR EXTERNAL REFERENCE
2R
2R
2R
2R
2R
RR
R
REF*
AGND
Figure 2. Simplified Inverted R-2R DAC Structure


Similar Part No. - MAX5132AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX513 MAXIM-MAX513 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130AEEE MAXIM-MAX5130AEEE Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130BEEE MAXIM-MAX5130BEEE Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5131AEEE MAXIM-MAX5131AEEE Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
More results

Similar Description - MAX5132AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com