Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98038 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 98038
Description  LED Light Engine, 2.5??Rectangle Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98038 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  98038 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98038 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
LED Light Engine, 2.5” Rectangle Module
Constant-Current DC Array
20 Nichia LEDs (5 Series x 4 Parallel Strings)
Engineered by Norlux
5 yr. Warranty
2.5 Inch Rectangle Module @ 500mA
Model
Number
Total Board
Power (W)
Total
Current (mA)
Color
Temp (K)
Lumens
(± 15%)
Board
LPW
98034
7.76
500
2700
947
122
98035
7.76
500
3000
1,009
130
98036
7.76
500
3500
1,064
137
98037
7.76
500
4000
1,090
140
98038
7.76
500
5000
1,170
150
Dimensions:
Specifications
Driver Type:
Constant-Current
Drive Current:
500mA Nominal
Nom. Forward Voltage:
15.5V
Total Board Power:
7.76W Nominal
Life:
50,000 Hrs, 70% lumen maint.
@ Ta max 40ºC, used as specified
Max Junction Temp:
90°C
Max Test Point Temp:
85°C
Operating Temp:
-40ºC to +80ºC Ambient
Storage Temp:
-40ºC to +80ºC
Viewing Angle (FWHM):
120° Lambertian distribution
CRI:
80 Minimum
• Designed for easy use in standard luminaires
• Color: Full ANSI binning
• Customizable: Engines can be modified to your application. Contact us.
Rev 6-15-15
MADE IN USA
Of Imported And Domestic Components
For Poke-In Connectors, use
#24-18 AWG stranded or solid wire
Connectivity Options
Suffix
Connection
-01
No Leads
-02
Push-in Connectors
-04
One 6” Red Wire (+)
One One Connector (-)
-05
Two 6” Leads
TC1
1.4”
0.8”
0.3”
0.3”
2.5”
1.5”
0.5”
Ø 0.15” (4)
0.5”
E359020


Similar Part No. - 98038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9803 ETC2-9803 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
9803 ETC2-9803 Datasheet
4Mb / 5P
   0 to 300 V, low distortion AC power source with models delivering a maximum of 1500 VA, 12 Arms / 48 Apeak
logo
B&K Precision Corporati...
9803 BK-9803 Datasheet
2Mb / 5P
   Programmable AC Power Sources
logo
Belden Inc.
9803 BELDEN-9803 Datasheet
147Kb / 2P
   Electronic, 3 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
logo
Heyco.
9803 HEYCO-9803 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
More results

Similar Description - 98038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
98021 ETC2-98021 Datasheet
604Kb / 2P
   LED Light Engine, 4.7??Round Module
98026 ETC2-98026 Datasheet
615Kb / 2P
   LED Light Engine, 23??Linear Module
98006 ETC2-98006 Datasheet
683Kb / 2P
   LED Light Engine, 10.2??Fingerboard Module
98013 ETC2-98013 Datasheet
607Kb / 2P
   LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
   LED Light Engine, 3.7??Round Module
98039 ETC2-98039 Datasheet
777Kb / 2P
   LED Light Engine, 9.1??Round Module
98000 ETC2-98000 Datasheet
596Kb / 2P
   LED Light Engine, 11??Linear Module
98025 ETC2-98025 Datasheet
638Kb / 2P
   LED Light Engine, 7??Canopy Module
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
   LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
   LED light engine.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com