Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5120AEEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5120AEEE
Description  3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5120AEEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5120AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5120AEEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
+3V/+5V, 12-Bit, Serial Voltage-Output DACs
with Internal Reference
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX5120/MAX5121 12-bit, voltage-output DACs
are easily configured with a 3-wire serial interface. They
include a 16-bit data-in/data-out shift register and have
a double-buffered input consisting of an input register
and a DAC register. In addition, these devices employ
precision bandgap references and trimmed internal
resistors to produce a gain of 1.6384V/V, maximizing
the output voltage swing (Figure 1). The MAX5120/
MAX5121 output amplifier’s offset-adjust pin allows for
a DC shift in the DAC outputs. The full-scale output volt-
age is +4.095V for the MAX5120 and +2.0475V for the
MAX5121. These DACs are designed with an inverted
R-2R ladder network (Figure 2) that produces a weight-
ed output voltage proportional to the digital input code.
Internal Reference
Both the MAX5120 and MAX5121 use an on-board pre-
cision bandgap reference to generate an output volt-
age of +2.5V (MAX5120) or +1.25V (MAX5121). With a
low temperature coefficient of only 10ppm/°C (max),
the REF pin can source up to 100µA and may become
unstable with capacitive loads exceeding 100pF.
REFADJ can be used for minor adjustments (1%) to the
reference voltage. Use the circuits shown in Figure 3a
MAX5120
MAX5121
SR
CONTROL
16-BIT
SHIFT REGISTER
DECODE
CONTROL
INPUT
REGISTER
BANDGAP
REFERENCE
REFERENCE
BUFFER
DAC
REGISTER
DAC
2X
(1X)
DOUT
UPO
OUT
OS
R
0.6384R
GAIN = 1.6384X
4k
1.25V
AGND DGND
VDD
DIN SCLK
CS
2.5V, (1.25V)
LOGIC
OUTPUT
CLR
PDL
RSTVAL
PD
12
REFADJ
REF
( ) FOR MAX5121 ONLY
Figure 1. Simplified Functional Diagram
OUT
OS
R
0.6384R
SHOWN FOR ALL 1s ON DAC
*INTERNAL 2.5V (MAX5120) AND 1.25V (MAX5121)
OR EXTERNAL REFERENCE.
D0
D9
D10
D11
2R
2R
2R
2R
2R
RR
R
REF*
AGND
Figure 2. Simplified Inverted R-2R DAC Structure


Similar Part No. - MAX5120AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122AEEE MAXIM-MAX5122AEEE Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122BEEE MAXIM-MAX5122BEEE Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5123AEEE MAXIM-MAX5123AEEE Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
More results

Similar Description - MAX5120AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com