Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99316 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99316
Description  114W 120V AC 204mm Square LED Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99316 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99316 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99316 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99316 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99316 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99316 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99316 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
114W 120V AC 204mm Square LED Module
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers, Warm Dimming Option
5 yr. Warranty
204mm 120V AC Square LED Module 114W
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
LPW
99250
114
120
2200
7089
62
99315
114
120
2700
7250
64
99251
114
120
3000
7333
64
99316
114
120
3500
7407
65
99252
114
120
4000
7560
66
99253
114
120
5000
7736
68
99254
114
120
5700
7839
69
Specifications
Drive Voltage:
120Vac (100-132V Min-Max)
AC Current:
965mA @25ºC typical; 1000mA max
Power Dissipation:
56W typical; 65W max
Power Factor:
>0.97
THD:
<20%
Life:
50,000 Hrs, if used as specified
Luminous Flux:
7333 lm @3000K
Luminous Efficacy:
64 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
Line voltage AC LED modules are easy to use, offering direct
connectivity and effectively replacing traditional lamp technologies.
Patented AC LED technology eliminates the need for an AC-DC driver.
RECOGNIZED
COMPONENT
Features
• Direct 120V line connection
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Efficiency
• Significant Energy Savings
• Reliable, fast and easy
• Durable Light Source
• Long Operating Life
Applications
• Highbay/Midbay
• Indoor/Outdoor General
Line-voltage Illumination
• Ideal for parking lot,
commercial, hospitality
Warm Dimming
Warm-Dimming models change the
CCT with the dimming level, mimicking
how an incandescent lamp appears
to warm as the light level reduces.
Perfect for hospitality and residential
applications. Warms to 2200K.
“Warm Dimming” 204mm 120V AC Square LED Module 114W
Model
Number
Input
Power (W)
Input
Voltage (Vac)
CCT Range (K)
Lumens
(full power) LPW
Full Output Min Output
99312
114
120
2500
2200
7051
62
99313
114
120
3000
2200
7333
64
99314
114
120
3500
2200
7474
66
1.2 mm
4.8 mm
203.2 mm
203.2 mm
0 mm
0 mm
Rev 4-9-15


Similar Part No. - 99316

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
993111-1 TEC-993111-1 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
993111-1 TEC-993111-1 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
993111-1 TEC-993111-1 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
993111-1 TEC-993111-1 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
993111-1 TEC-993111-1 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - 99316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99255 ETC2-99255 Datasheet
1Mb / 6P
   56W 120V AC 204mm Square LED Module
99046 ETC2-99046 Datasheet
976Kb / 6P
   28W 120V AC 572mm Linear LED Module
logo
NHP Electrical Engineer...
1794-IA16 NHP-1794-IA16 Datasheet
523Kb / 1P
   FLEX I/O 16DI 120V AC MODULE
7 June 2023,
logo
Seoul Semiconductor
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
   Acrich2 120V 17W Module
Rev. 00 Nov. 2012
logo
LUMEX INC.
SLL-LX5579IGW LUMEX-SLL-LX5579IGW Datasheet
56Kb / 1P
   5X5mm SQUARE LED
logo
Richco, Inc.
SQLEDS1-4-26 RICHCO-SQLEDS1-4-26 Datasheet
46Kb / 1P
   SQUARE LED SPACERS
logo
Schneider Electric
DL1BDG5 SCHNEIDER-DL1BDG5 Datasheet
85Kb / 1P
   AMBER LED BULB 120V
Aug 10, 2019
9001KM38 SCHNEIDER-9001KM38 Datasheet
148Kb / 3P
   30MM LIGHT MODULE RESISTOR 120V
Jan 19, 2022
logo
Protek Devices
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
   120V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
   120V AC POWER LINE SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com