Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 98001
Description  LED Light Engine, 11??Linear Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  98001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
CIE Chromaticity Coordinates:
X
Y
0.3783
0.3836
0.3909
0.3906
0.3746
0.3687
0.3864
0.3757
X
Y
0.4045
0.3975
0.4189
0.4044
0.3989
0.3819
0.412
0.3875
X
Y
0.4325
0.4101
0.4452
0.4146
0.4244
0.3923
0.4362
0.3965
4000K
3 Step Macadams Ellipse
3500K
3 Step Macadams Ellipse
3000K
3 Step Macadams Ellipse
Tc (°C)
65mA/LED
Relative Luminous Flux / Tc Temperature
0
20
40
60
80
100
120
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Compatible TRP Drivers:
The drivers listed here are all compatible with this module.
Choose the best driver for your application.
• BLED12W-036-C0350
• LED12W-24-C0350
Parallel
Series
Step Dimming:
This Light Engine can be step-dimmed, with a recommended
TRP dimmable driver and SD series step-dimming module.
See the SD2 or SD3 data sheet for wiring information.
Maximum Run Lengths
The max number of boards wired in a chain
(parallel or series) is
limited by the max current rating of the first board wired to the driver.
The sum of the board currents, in the chain, funnels through the first
board. Multiple chains can connect directly to the power supply in
parallel. See table for max chain length.
Product
Series/Parallel
Max Allowable Boards
High Current (Nom)
Low Current
11” Troffer
Parallel
11
22
Mounting Notes
The LED assembly is supplied with mounting holes, per the dimensional
drawing. It is important to mount the board in such a way as to maintain
the Tc point below the max. The steady state thermals in application
will dictate if the board needs to be mounted directly to metallic housing
and/or include a thermal pad. For example fully enclosed recessed
fixture will require better thermal mounting than an open air pendant.
Thermal Application Notes
This board requires additional heat sinking to run above 55ºC
ambient at nominal specifications. Heat sink is also required when
operated above specified drive currents.
Maximum Current
Max Current: 720mA
Voltage at max current: 20V, Power at max current: 14.4W
The total maximum current reflects the LED maximum forward current
only, without considering thermal needs. Driving the LEDs this hard will
likely violate their thermal limits, depending on the application.
Tc point
must remain at or below the max temperature, or the warranty will
be voided. Temperature is directly correlated to LED current.
Static Sensitive Device
Handle only at static-safe work stations.
Packaging
50 per box standard.
11” Linear Std. DC
LED Light Engine Module
Constant
Current
Driver
Single Chain
Constant
Current
Driver
Constant
Current
Driver
Single Chain
Series/Parallel Configurations
Parallel: The positive and negative of one board is connected to the respective positive and negative of the next.
Current adds, so the supply must be 2x the current for 2 boards, for example.
Series: The negative of one board is connected to the positive of the next. Voltage adds, so the supply must be 2x the voltage for 2 boards.
X
Y
0.3408
0.3461
0.3485
0.3520
0.3416
0.3585
0.3499
0.3644
5000K
3 Step Macadams Ellipse


Similar Part No. - 98001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9800 ETC2-9800 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
B&K Precision Corporati...
9800 BK-9800 Datasheet
2Mb / 5P
   Programmable AC Power Sources
logo
Festo Corporation.
9800 FESTO-9800 Datasheet
91Kb / 1P
   Quick exhaust valve
4/11/22
logo
Cisco Systems, Inc.
9800 CISCO-9800 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
logo
Heyco.
9800 HEYCO-9800 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
More results

Similar Description - 98001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
98026 ETC2-98026 Datasheet
615Kb / 2P
   LED Light Engine, 23??Linear Module
98010 ETC2-98010 Datasheet
642Kb / 2P
   LED Light Engine, 22.7??Narrow Linear Module
98021 ETC2-98021 Datasheet
604Kb / 2P
   LED Light Engine, 4.7??Round Module
98006 ETC2-98006 Datasheet
683Kb / 2P
   LED Light Engine, 10.2??Fingerboard Module
98013 ETC2-98013 Datasheet
607Kb / 2P
   LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
   LED Light Engine, 3.7??Round Module
98039 ETC2-98039 Datasheet
777Kb / 2P
   LED Light Engine, 9.1??Round Module
98034 ETC2-98034 Datasheet
655Kb / 2P
   LED Light Engine, 2.5??Rectangle Module
98025 ETC2-98025 Datasheet
638Kb / 2P
   LED Light Engine, 7??Canopy Module
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
   LED light engine.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com