Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX515ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX515ESA
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX515ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX515ESA Datasheet HTML 7Page - Maxim Integrated Products MAX515ESA Datasheet HTML 8Page - Maxim Integrated Products MAX515ESA Datasheet HTML 9Page - Maxim Integrated Products MAX515ESA Datasheet HTML 10Page - Maxim Integrated Products MAX515ESA Datasheet HTML 11Page - Maxim Integrated Products MAX515ESA Datasheet HTML 12Page - Maxim Integrated Products MAX515ESA Datasheet HTML 13Page - Maxim Integrated Products MAX515ESA Datasheet HTML 14Page - Maxim Integrated Products MAX515ESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
5V, Low-Power, Voltage-Output,
Serial 10-Bit DACs
______________________________________________________________________________________
11
MAX504
MAX515
MICROWIRE
PORT
SCLK
DIN
CS
DOUT
SK
SO
I/O
SI
THE DOUT-SI CONNECTION IS NOT REQUIRED FOR WRITING TO THE
MAX504/MAX515, BUT MAY BE USED FOR VERIFYING DATA TRANSFER .
MAX504
MAX515
SPI
PORT
SCLK
DIN
CS
DOUT
SCK
MOSI
I/O
MISO
THE DOUT-MISO CONNECTION IS NOT REQUIRED FOR WRITING TO THE
MAX504/MAX515, BUT MAY BE USED FOR VERIFYING DATA TRANSFER .
CPOL = 0, CPHA = 0
Figure 4. Microwire Connection
Figure 5. SPI/QSPI Connection
Figure 6. Unipolar Configuration (0V to +2.048V Output)
33µF
REFIN
REFOUT
AGND
DGND
VDD
VSS
BIPOFF
RFB
VOUT
VOUT
0V TO -5V
+5V
G = 1
MAX504
33µF
REFIN
REFOUT
AGND
DGND
VDD
VSS
BIPOFF
RFB
VOUT
VOUT
0V TO -5V
+5V
G = 2
MAX504
Figure 7. Unipolar Configuration (0V to +4.096V Output)
Table 2. Unipolar Binary Code Table
(0V to 2VREFIN Output), Gain = 2
Table 1. Unipolar Binary Code Table
(0V to VREFIN Output), Gain = 1
INPUT*
OUTPUT
1111
1111
11(00)
1000
0000
01(00)
1000
0000
00(00)
0111
1111
11(00)
0000
0000
01(00)
0000
0000
00(00)
(VREFIN)
1023
1024
(VREFIN)
513
1024
(VREFIN)
512
1024
(VREFIN)
511
1024
(VREFIN)
1
1024
OV
= +VREFIN/2
INPUT*
OUTPUT
1111
1111
11(00)
1000
0000
01(00)
1000
0000
00(00)
0111
1111
11(00)
0000
0000
01(00)
0000
0000
00(00)
+2 (VREFIN)
1023
1024
+2 (VREFIN)
513
1024
+2 (VREFIN)
512
1024
+2 (VREFIN)
511
1024
+2 (VREFIN)
1
1024
OV
= +VREFIN
*
Write 10-bit data words with two sub-LSB 0s because the
DAC input latch is 12 bits wide.
*
Write 10-bit data words with two sub-LSB 0s because the
DAC input latch is 12 bits wide.


Similar Part No. - MAX515ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACEE MAXIM-MAX5150ACEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACPE MAXIM-MAX5150ACPE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150AEEE MAXIM-MAX5150AEEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150AEPE MAXIM-MAX5150AEPE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
More results

Similar Description - MAX515ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com