Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBS39O0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBS39O0
Description  0.39inch Single Digit Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBS39O0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBS39O0 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBS39O0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QBS39XXZ_series
0.39” Single Digit Display
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBS39XXZ_series
Date: June 25, 2015
Page 2 of 11
Version# 2.2
Table of Contents:
Introduction ...........................................................................................................................................3
Electrical / Optical Characteristic (Ta=25
oC) ........................................................................................4
Absolute Maximum Rating ....................................................................................................................4
Pin Configuration ..................................................................................................................................5
Characteristic Curves............................................................................................................................6
Solder Profile ........................................................................................................................................8
Packing .................................................................................................................................................9
Ordering Information ........................................................................................................................... 10
Revision History ..................................................................................................................................11
Disclaimer ...........................................................................................................................................11


Similar Part No. - QBS39O0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS39AG0 ETC2-QBS39AG0 Datasheet
292Kb / 5P
   0.39??Single Digit Display
QBS39AG1 ETC2-QBS39AG1 Datasheet
292Kb / 5P
   0.39??Single Digit Display
QBS39IB0 ETC2-QBS39IB0 Datasheet
292Kb / 5P
   0.39??Single Digit Display
QBS39IB0 ETC2-QBS39IB0 Datasheet
292Kb / 5P
   0.39??Single Digit Display
QBS39IB1 ETC2-QBS39IB1 Datasheet
292Kb / 5P
   0.39??Single Digit Display
More results

Similar Description - QBS39O0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBSS390R ETC1-QBSS390R Datasheet
372Kb / 8P
   0.39inch Single Digit Display
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-P19-PF LIGITEK-LSD355-6SBKS-XX-P19-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com