Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBSS391R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBSS391R
Description  0.39inch Single Digit Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBSS391R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBSS391R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBSS391R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBSS391R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBSS391R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBSS391R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBSS391R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBSS391R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBSS391R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QBSS39ZXX
0.39” Single Digit Display
Product: QBSS39ZXX
Date: June 24, 2011
Page 2 of 8
Version# 1.0
Electrical / Optical Characteristic: (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
CA
CC
Typ.
Min.
Max.
Typ.
QBSS390R
QBSS391R
AllnGaP
Red
20
2.0
619
629
60
QBSS390Y
QBSS391Y
AllnGaP
Yellow
20
2.0
585
595
35
QBSS390AG QBSS391AG
AllnGaP
Yellow Green
20
2.0
566
574
25
QBSS390IB
QBSS391IB
InGaN
Blue
20
3.0
460
470
200
QBSS390IG QBSS391IG
InGaN
Green
20
3.0
520
535
200
Absolute Maximum Rating:
Material
Pd (mW)
Derating linear
from 25C per dice
(mA/C)
IF (mA) VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
AllnGaP
70
0.28
25
5
-40 to + 105 -40 to +105
260
InGaP
120
0.3
30
5
-40 to +105 -40 to +105
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC


Similar Part No. - QBSS391R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBSS391R ETC2-QBSS391R Datasheet
372Kb / 8P
   0.39??Single Digit Display
More results

Similar Description - QBSS391R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS39R1 ETC1-QBS39R1 Datasheet
658Kb / 11P
   0.39inch Single Digit Display
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-P19-PF LIGITEK-LSD355-6SBKS-XX-P19-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com