Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBQS391Y Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBQS391Y
Description  0.39inch Four Digit Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBQS391Y Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBQS391Y Datasheet HTML 1Page - List of Unclassifed Manufacturers QBQS391Y Datasheet HTML 2Page - List of Unclassifed Manufacturers QBQS391Y Datasheet HTML 3Page - List of Unclassifed Manufacturers QBQS391Y Datasheet HTML 4Page - List of Unclassifed Manufacturers QBQS391Y Datasheet HTML 5Page - List of Unclassifed Manufacturers QBQS391Y Datasheet HTML 6Page - List of Unclassifed Manufacturers QBQS391Y Datasheet HTML 7Page - List of Unclassifed Manufacturers QBQS391Y Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
QBQS39ZXX
0.39” Four Digit Display
Product: QBTS39ZXX
Date: June 24, 2011
Page 5 of 8
Version# 1.0
Characteristic Curves: (InGaN)


Similar Part No. - QBQS391Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBQ28AG0 ETC2-QBQ28AG0 Datasheet
303Kb / 5P
   0.28??Four Digit Display
QBQ28AG0 ETC1-QBQ28AG0 Datasheet
303Kb / 5P
   0.28inch Four Digit Display
QBQ28AG1 ETC2-QBQ28AG1 Datasheet
303Kb / 5P
   0.28??Four Digit Display
QBQ28AG1 ETC1-QBQ28AG1 Datasheet
303Kb / 5P
   0.28inch Four Digit Display
QBQ28IB0 ETC2-QBQ28IB0 Datasheet
303Kb / 5P
   0.28??Four Digit Display
More results

Similar Description - QBQS391Y

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-6SBKS-XX-PF LIGITEK-LFD4H5-6SBKS-XX-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP75-PF LIGITEK-LFD415-62-XX-RP75-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP65 LIGITEK-LFD415-62-XX-SRP65 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com