Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBPP530C-YD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBPP530C-YD
Description  Super Flux LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBPP530C-YD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBPP530C-YD Datasheet HTML 1Page - List of Unclassifed Manufacturers QBPP530C-YD Datasheet HTML 2Page - List of Unclassifed Manufacturers QBPP530C-YD Datasheet HTML 3Page - List of Unclassifed Manufacturers QBPP530C-YD Datasheet HTML 4Page - List of Unclassifed Manufacturers QBPP530C-YD Datasheet HTML 5Page - List of Unclassifed Manufacturers QBPP530C-YD Datasheet HTML 6Page - List of Unclassifed Manufacturers QBPP530C-YD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
QBPP530C-XXZ
Super Flux LED
Product: QBPP530C-XXD
Date: June 25, 2011
Page 2 of 7
Version# 1.0
Electrical / Optical Characteristic (TA=25 oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
Φ V(mlm)
Typ.
max
Min.
Typ.
Max.
Min
Typ.
QBPP530C-RD
Red
50
2.3
2.7
620
---
630
2120
4200
QBPP530C-YD
Yellow
50
2.3
2.7
585
---
597
21200
4500
QBPP530C-IBM
Blue
30
3.2
4.0
462
---
473
960
1630
QBPP530C-IWM
White
30
3.2
4.0
---
X=0.271
---
3590
6800
Y=0.263
Absolute Maximum Rating
Material
Pd (mW) IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
InGaN
200
50
100
5
-30 to +80
-40 to +100
260
AlInGaP
180
60
100
8
-30 to +80
-40 to +100
260
*Duty 1/10 @0.1ms Pulse Width
** IR Reflow for no more than 5 sec @ 260
oC


Similar Part No. - QBPP530C-YD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBPP530C-YD ETC2-QBPP530C-YD Datasheet
562Kb / 7P
   Super Flux LED
More results

Similar Description - QBPP530C-YD

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-57BLCS-XX-X DBLECTRO-BTF-57BLCS-XX-X Datasheet
121Kb / 2P
   SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-915QT4 BVLED-BVZ-915QT4 Datasheet
194Kb / 3P
   SUPER FLUX LED
BVZ-916QT4 BVLED-BVZ-916QT4 Datasheet
192Kb / 3P
   SUPER FLUX LED
BVZ-922TT4 BVLED-BVZ-922TT4 Datasheet
248Kb / 3P
   SUPER FLUX LED
logo
DB Lectro Inc
BTF-37BLCS-XX-X DBLECTRO-BTF-37BLCS-XX-X Datasheet
121Kb / 2P
   SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
   SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
   SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
   SUPER FLUX LED
BVZ-922QT4 BVLED-BVZ-922QT4 Datasheet
248Kb / 3P
   SUPER FLUX LED
logo
List of Unclassifed Man...
QBPP350C-IB ETC1-QBPP350C-IB Datasheet
467Kb / 6P
   Super Flux LED
logo
DB Lectro Inc
BTF-08BLCS-XX-X DBLECTRO-BTF-08BLCS-XX-X Datasheet
121Kb / 2P
   SUPER FLUX LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com