Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5041BEAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5041BEAI
Description  Dual-Phase, Parallelable, Average Current-Mode Controllers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041BEAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5041BEAI Datasheet HTML 7Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 8Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 9Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 10Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 11Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 12Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 13Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 14Page - Maxim Integrated Products MAX5041BEAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Dual-Phase, Parallelable, Average Current-Mode
Controllers
______________________________________________________________________________________
11
Detailed Description
The MAX5038/MAX5041 (Figures 1 and 2) average cur-
rent-mode PWM controllers drive two out-of-phase
buck converter channels. Average current-mode con-
trol improves current sharing between the channels
while minimizing component derating and size. Parallel
multiple MAX5038/MAX5041 regulators to increase the
output current capacity. For maximum ripple rejection
at the input, set the phase shift between phases to 90°
for two paralleled converters, or 60° for three paralleled
converters. Paralleling the MAX5038/MAX5041s
improves design flexibility in applications requiring
upgrades (higher load).
CLKIN
PLLCMP
PGND
PHASE
DL2
LX2
DH2
DL1
LX1
DH1
VCC
EAOUT
EAN
DIFF
EN
CSP2
CSN2
CSP1
CSN1
MAX5038
3
R1
C39
VIN = +12V
C1, C2
21
15
IN
C25
C26
R4
R7
R8
R6
C29
C30
R5
C27
C28
SGND
CLP2
CLP1
Q2
Q1
D2
Q2
D1
VIN
Q1
VIN
D4
D3
C32
C12
C31
C3–C7
L2
R3
L1
R2
C13
C8–C11
C14,
C15
C16–C24,
C33
LOAD
+1.8V AT 60A
VOUT
SENSE -
SENSE +
17
18
19
16
20
25
24
23
26
9
8
14
13
1
2
BST1
VCC
28
4
10
11
12
7
5
6
22
BST2
NOTE: SEE TABLE 1 FOR COMPONENT VALUES.
VCC
RX
Figure 1. MAX5038 Typical Application Circuit, VIN = +12V


Similar Part No. - MAX5041BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5041AEAI MAXIM-MAX5041AEAI Datasheet
680Kb / 26P
   Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
More results

Similar Description - MAX5041BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5038A MAXIM-MAX5038A Datasheet
680Kb / 26P
   Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
MAX5065 MAXIM-MAX5065 Datasheet
652Kb / 32P
   Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
Rev 1; 11/03
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
   VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
MAX5060 MAXIM-MAX5060 Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC34065-H ONSEMI-MC34065-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com