Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX495 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX495
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX495 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX495 Datasheet HTML 1Page - Maxim Integrated Products MAX495 Datasheet HTML 2Page - Maxim Integrated Products MAX495 Datasheet HTML 3Page - Maxim Integrated Products MAX495 Datasheet HTML 4Page - Maxim Integrated Products MAX495 Datasheet HTML 5Page - Maxim Integrated Products MAX495 Datasheet HTML 6Page - Maxim Integrated Products MAX495 Datasheet HTML 7Page - Maxim Integrated Products MAX495 Datasheet HTML 8Page - Maxim Integrated Products MAX495 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, VCM = 0V, VOUT = VCC / 2, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................7V
Common-Mode Input Voltage..........(VCC + 0.3V) to (VEE - 0.3V)
Differential Input Voltage .........................................±(VCC - VEE)
Input Current (IN+, IN-, NULL1, NULL2) ..........................±10mA
Output Short-Circuit Duration ....................Indefinite short circuit
to either supply
Voltage Applied to NULL Pins ....................................VCC to VEE
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C).........640mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)...800mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C).......727mW
Operating Temperature Ranges
MAX49_C_ _ ........................................................0°C to +70°C
MAX49_E_ _......................................................-40°C to +85°C
MAX49_M_ _ ...................................................-55°C to +125°C
Junction Temperatures
MAX49_C_ _/E_ _..........................................................+150°C
MAX49_M_ _ .................................................................+175°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCM = VEE to VCC
VCM = VOUT = VCC / 2
VCM = VEE to VCC
VCM = VEE to VCC
VCC = 2.7V,
RL = 100kΩ,
VOUT = 0.25V to 2.45V
VCC = 2.7V to 6V
(VEE - 0.25V) ≤ VCM ≤ (VCC + 0.25V)
RL = 100kΩ
CONDITIONS
µA
135
150
Supply Current (per amplifier)
V
2.7
6.0
Operating Supply Voltage Range
mA
30
Output Short-Circuit Current
VEE + 0.04 VEE + 0.075
V
VCC - 0.075 VCC - 0.04
Output Voltage Swing
(Note 1)
nA
±0.5
±6
Input Offset Current
nA
±25
±60
µV
±200
±500
Input Offset Voltage
Input Bias Current
90
102
dB
90
104
Large-Signal Voltage Gain
(Note 1)
dB
88
110
Power-Supply Rejection Ratio
M
2
Differential Input Resistance
V
VEE - 0.25
VCC + 0.25
Common-Mode Input
Voltage Range
74
90
UNITS
MIN
TYP
MAX
PARAMETER
Sourcing
Sinking
VCC = 2.7V, RL = 1kΩ,
VOUT = 0.5V to 2.2V
Sourcing
Sinking
78
90
94
105
VCC = 5.0V,
RL = 100kΩ,
VOUT = 0.25V to 4.75V
Sourcing
Sinking
92
100
98
108
VCC = 5.0V, RL = 1kΩ,
VOUT = 0.5V to 4.5V
Sourcing
Sinking
86
98
98
110
VOH
VOL
VOH
VOL
RL = 1kΩ
VEE + 0.15 VEE + 0.20
VCC - 0.20 VCC - 0.15
150
170
VCC = 2.7V
VCC = 5V
Common-Mode Rejection Ratio
dB


Similar Part No. - MAX495

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950ACTX+T MAXIM-MAX4950ACTX+T Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950CTO++ MAXIM-MAX4950CTO+ Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
   SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
More results

Similar Description - MAX495

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com