Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5935 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5P49V5935
Description  Generates up to four independent output frequencies
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5935 Datasheet(HTML) 3 Page - Integrated Device Technology

  5P49V5935 Datasheet HTML 1Page - Integrated Device Technology 5P49V5935 Datasheet HTML 2Page - Integrated Device Technology 5P49V5935 Datasheet HTML 3Page - Integrated Device Technology 5P49V5935 Datasheet HTML 4Page - Integrated Device Technology 5P49V5935 Datasheet HTML 5Page - Integrated Device Technology 5P49V5935 Datasheet HTML 6Page - Integrated Device Technology 5P49V5935 Datasheet HTML 7Page - Integrated Device Technology 5P49V5935 Datasheet HTML 8Page - Integrated Device Technology 5P49V5935 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
REVISION B 07/13/15
3
PROGRAMMABLE CLOCK GENERATOR
5P49V5935 PRELIMINARY DATASHEET
Table 1: Pin Descriptions
Number
Name
Description
1
CLKIN
Input
Pull-down
Differential clock input. Weak 100kohms internal pull-down.
2
CLKINB
Input
Pull-down
Complementary differential clock input. Weak 100kohms internal pull-down.
3
NC
--
No connect.
4
NC
--
No connect.
5
VDDA
Power
Analog functions power supply pin. Connect to 1.8V to 3.3V. VDDA and VDDD
should have the same voltage applied.
6
CLKSEL
Input
Pull-down
Input clock select. Selects the active input reference source, when in Manual
switchover mode.
0 = Integrated crystal (default)
1 = CLKIN, CLKINB
CLKSEL Polarity can be changed by I2C programming as shown in Table 4.
7
SD/OE
Input
Pull-down
Enables/disables the outputs (OE) or powers down the chip (SD). The SH bit
controls the configuration of the SD/OE pin. The SH bit needs to be high for
SD/OE pin to be configured as SD. The SP bit (0x02) controls the polarity of the
signal to be either active HIGH or LOW only when pin is configured as OE
(Default is active LOW.) Weak internal pull down resistor. When configured as
SD, device is shut down, differential outputs are driven high/low, and the single-
ended LVCMOS outputs are driven low. When configured as OE, and outputs are
disabled, the outputs can be selected to be tri-stated or driven high/low,
depending on the programming bits as shown in the SD/OE Pin Function Truth
table.
8
SEL1/SDA
Input
Pull-down
Configuration select pin, or I2C SDA input as selected by OUT0_SEL_I2CB.
Weak internal pull down resistor.
9
SEL0/SCL
Input
Pull-down
Configuration select pin, or I2C SCL input as selected by OUT0_SEL_I2CB.
Weak internal pull down resistor.
10
VDDO4
Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT4/OUT4B.
11
OUT4
Output
Output Clock 4. Please refer to the Output Drivers section for more details.
12
OUT4B
Output
Complementary Output Clock 4. Please refer to the Output Drivers section for
more details.
13
OUT3B
Output
Complementary Output Clock 3. Please refer to the Output Drivers section for
more details.
14
OUT3
Output
Output Clock 3. Please refer to the Output Drivers section for more details.
15
VDDO3
Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT3/OUT3B.
16
OUT2B
Output
Complementary Output Clock 2. Please refer to the Output Drivers section for
more details.
17
OUT2
Output
Output Clock 2. Please refer to the Output Drivers section for more details.
18
VDDO2
Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT2/OUT2B.
19
OUT1B
Output
Complementary Output Clock 1. Please refer to the Output Drivers section for
more details.
20
OUT1
Output
Output Clock 1. Please refer to the Output Drivers section for more details.
21
VDDO1
Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT1/OUT1B.
22
VDDD
Power
Digital functions power supply pin. Connect to 1.8 to 3.3V. VDDA and VDDB
should have the same voltage applied.
23
VDDO0
Power
Power supply pin for OUT0_SEL_I2CB. Connect to 1.8 to 3.3V. Sets output
voltage levels for OUT0.
24
OUT0_SELB_I2C Input/Output
Pull-down
Latched input/LVCMOS Output. At power up, the voltage at the pin
OUT0_SEL_I2CB is latched by the part and used to select the state of pins 8
and 9. If a weak pull up (10Kohms) is placed on OUT0_SEL_I2CB, pins 8 and 9
will be configured as hardware select pins, SEL1 and SEL0. If a weak pull down
(10Kohms) is placed on OUT0_SEL_I2CB or it is left floating, pins 8 and 9 will
act as the SDA and SCL pins of an I2C interface. After power up, the pin acts as
a LVCMOS reference output which is the same frequency as the input reference.
At default, 25MHz integrated crystal is used so OUT0 will also be 25MHz.
ePAD
VEE
Power
Connect to ground pad.
Type


Similar Part No. - 5P49V5935

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5935 IDT-5P49V5935 Datasheet
431Kb / 33P
   Programmable Clock Generator
5P49V5935 IDT-5P49V5935 Datasheet
460Kb / 32P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5935 RENESAS-5P49V5935 Datasheet
609Kb / 33P
   Programmable Clock Generator
NOVEMBER 1, 2017
logo
Integrated Device Techn...
5P49V5935BdddLTGI IDT-5P49V5935BdddLTGI Datasheet
432Kb / 33P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5935BDDDLTGI RENESAS-5P49V5935BDDDLTGI Datasheet
609Kb / 33P
   Programmable Clock Generator
NOVEMBER 1, 2017
More results

Similar Description - 5P49V5935

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com