Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBOL5Y50D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBOL5Y50D
Description  5mm Oval Through Hole Lamp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBOL5Y50D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QBOL5Y50D Datasheet HTML 2Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 3Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 4Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 5Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 6Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 7Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 8Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 9Page - List of Unclassifed Manufacturers QBOL5Y50D Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
QBOL5XX50D
5mm Oval Lamp
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBOL5XX50D Series
Date: February 26, 2014
Page 7 of 10
Version# 2.1
Characteristic Curves
AlInGaP


Similar Part No. - QBOL5Y50D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBOL5X50D ETC2-QBOL5X50D Datasheet
325Kb / 6P
   5mm Oval Lamp
More results

Similar Description - QBOL5Y50D

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HTOV511040XX INOLUX-HTOV511040XX Datasheet
596Kb / 10P
   5mm Oval Lamp
logo
List of Unclassifed Man...
QBOL5X50D ETC2-QBOL5X50D Datasheet
325Kb / 6P
   5mm Oval Lamp
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
   Oval Orange LED Lamp (5mm)
logo
Inolux Corporation
HV-5XX15 INOLUX-HV-5XX15 Datasheet
680Kb / 11P
   5mm Super Bright Through Hole Lamp
HV-5RGBXX INOLUX-HV-5RGBXX Datasheet
500Kb / 10P
   5mm Full-Color Through Hole Lamp
logo
TT Electronics.
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
   Oval Red LED Lamp (5mm)
logo
Inolux Corporation
HV-5XXXXX INOLUX-HV-5XXXXX Datasheet
417Kb / 8P
   5mm Bi-Color Through Hole Lamp
logo
TT Electronics.
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
logo
Marktech Corporate
LO566PBL4-70H-A-MT MARKTECH-LO566PBL4-70H-A-MT Datasheet
218Kb / 4P
   70 Degree 5mm Oval LED Lamp in Blue
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com