Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBLP676-IW-XX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBLP676-IW-XX
Description  White LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP676-IW-XX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QBLP676-IW-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP676-IW-XX Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
QBLP676-IW-XX
3020 PLCC 2 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP676-IW-XX
Date: December 06, 2013
Page 7 of 10
Version# 2.2
Solder Profile & Footprint
-Recommended tin solder specifications: melting temperature in the range of 178~192
OC
-The recommended reflow soldering profile is as follows (temperatures indicated are as measured
on the surface of the LED resin):
Recommended Pad Layout
Units: mm
Tolerance: ± 0.2mm


Similar Part No. - QBLP676-IW-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP676-IW-XX ETC-QBLP676-IW-XX Datasheet
626Kb / 10P
   PLCC 2 LED
More results

Similar Description - QBLP676-IW-XX

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com