Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBLP670-UV Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QBLP670-UV
Description  PLCC2 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP670-UV Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QBLP670-UV Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP670-UV Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
QBLP670_series
PLCC2 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670_series
Date: February 09, 2015
Page 9 of 12
Version# 3.2
Solder Profile & Footprint
-Recommended tin solder specifications: melting temperature in the range of 178~192
°C
-The recommended reflow soldering profile is as follows (temperatures indicated are as measured on
the surface of the LED resin):
Units: mm
tolerance: +/- 0.1mm


Similar Part No. - QBLP670-UV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP670-UV ETC-QBLP670-UV Datasheet
746Kb / 13P
   PLCC2 LED
More results

Similar Description - QBLP670-UV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP670 ETC-QBLP670 Datasheet
746Kb / 13P
   PLCC2 LED
QBLP676-XX ETC-QBLP676-XX Datasheet
668Kb / 12P
   PLCC2 LED
QBLP674-IWM-WW ETC1-QBLP674-IWM-WW Datasheet
589Kb / 10P
   PLCC2 LED
QBLP674-XX ETC-QBLP674-XX Datasheet
678Kb / 12P
   PLCC2 LED
QBLP674-IB ETC1-QBLP674-IB Datasheet
678Kb / 12P
   PLCC2 LED
QBLP670-IW-XX ETC-QBLP670-IW-XX Datasheet
596Kb / 11P
   PLCC2 LED
QBLP676-IB ETC1-QBLP676-IB Datasheet
668Kb / 12P
   PLCC2 LED
QBLP670-IR2 ETC1-QBLP670-IR2 Datasheet
575Kb / 9P
   PLCC2 IR LED
QBLP670-IR3 ETC1-QBLP670-IR3 Datasheet
552Kb / 9P
   PLCC2 IR LED
QBLP676-IR1 ETC1-QBLP676-IR1 Datasheet
499Kb / 9P
   PLCC2 IR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com