Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX503CAG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX503CAG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CAG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX503CAG Datasheet HTML 1Page - Maxim Integrated Products MAX503CAG Datasheet HTML 2Page - Maxim Integrated Products MAX503CAG Datasheet HTML 3Page - Maxim Integrated Products MAX503CAG Datasheet HTML 4Page - Maxim Integrated Products MAX503CAG Datasheet HTML 5Page - Maxim Integrated Products MAX503CAG Datasheet HTML 6Page - Maxim Integrated Products MAX503CAG Datasheet HTML 7Page - Maxim Integrated Products MAX503CAG Datasheet HTML 8Page - Maxim Integrated Products MAX503CAG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VDD to DGND and VDD to AGND ................................-0.3V, +6V
VSS to DGND and VSS to AGND .................................-6V, +0.3V
VDD to VSS ............................................................... -0.3V, +12V
AGND to DGND........................................................-0.3V, +0.3V
REFGND to AGND.........................................-0.3V, (VDD + 0.3V)
Digital Input Voltage to DGND .................... -0.3V, (VDD + 0.3V)
REFIN ..................................................(VSS - 0.3V), (VDD + 0.3V)
REFOUT ..............................................(VSS - 0.3V), (VDD + 0.3V)
REFOUT to REFGND .................................... -0.3V, (VDD + 0.3V)
RFB ....................................................(VSS - 0.3V), (VDD + 0.3V)
ROFS ..................................................(VSS - 0.3V), (VDD + 0.3V)
VOUT to AGND (Note 1) .............................................. VSS, VDD
Continuous Current, Any Input ........................................±20mA
Continuous Power Dissipation (TA = +70°C)
Narrow Plastic DIP (derate 13.33mW/°C above +70°C) ...1067mW
Wide SO (derate 11.76mW/°C above +70°C)............... 941mW
SSOP (derate 8.00mW/°C above +70°C) ......................640mW
Operating Temperature Ranges
MAX503C_G .........................................................0°C to +70°C
MAX503E_G ......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) ........................... +300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Differential Nonlinearity
DNL
±1
LSB
Unipolar Offset Error
VOS
0
0.25
3
LSB
Unipolar Offset
Temperature Coefficient
TCVOS
3
ppm/°C
Unipolar Offset-Error
Supply Rejection
PSRR
0.1
LSB/V
Resolution
STATIC PERFORMANCE
N
10
Bits
Gain-Error Temperature Coefficient
1
ppm/°C
Gain-Error Power-Supply Rejection
PSRR
0.1
LSB/V
DAC VOLTAGE OUTPUT (VOUT)
Output Voltage Range
0VDD - 0.4
V
Resistive Load
2
k
DC Output Impedance
0.2
Short-Circuit Current
ISC
12
mA
REFERENCE INPUT (REFIN)
Reference Input Range
0VDD - 2
V
Reference Input Resistance
40
k
Reference Input Capacitance
10
50
pF
AC Feedthrough
-80
dB
CONDITIONS
Guaranteed monotonic
4.5V
≤ VDD ≤ 5.5V
4.5V
≤ VDD ≤ 5.5V
VOUT = 2V, load regulation
≤ ±0.5LSB
Code dependent, minimum at code 0101...
Code dependent (Note 3)
(Note 4)
Gain Error (Note 2)
GE
LSB
±1
Note 1: The output may be shorted to VDD, VSS, DGND, or AGND if the continuous package power dissipation and current ratings
are not exceeded. Typical short-circuit currents are 20mA.
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(VDD = 5V, VSS = 0V, AGND = DGND = REFGND = 0V, REFIN = 2.048V (external), RFB = ROFS = VOUT, CREFOUT = 33µF,
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
DAC latch = all 1s,
VOUT < VDD - 0.4V (Note 2)
Relative Accuracy
INL
±0.5
LSB
(Note 2)


Similar Part No. - MAX503CAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033 MAXIM-MAX5033 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AASA MAXIM-MAX5033AASA Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033AASA MAXIM-MAX5033AASA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AUPA MAXIM-MAX5033AUPA Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
More results

Similar Description - MAX503CAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Analog Devices
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841 Datasheet
167Kb / 12P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com