Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5907 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 5P49V5907
Description  Programmable frequency
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5907 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 5P49V5907 Datasheet HTML 6Page - Integrated Device Technology 5P49V5907 Datasheet HTML 7Page - Integrated Device Technology 5P49V5907 Datasheet HTML 8Page - Integrated Device Technology 5P49V5907 Datasheet HTML 9Page - Integrated Device Technology 5P49V5907 Datasheet HTML 10Page - Integrated Device Technology 5P49V5907 Datasheet HTML 11Page - Integrated Device Technology 5P49V5907 Datasheet HTML 12Page - Integrated Device Technology 5P49V5907 Datasheet HTML 13Page - Integrated Device Technology 5P49V5907 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PROGRAMMABLE CLOCK GENERATOR
10
REVISION B 07/13/15
5P49V5907 DATASHEET
Table 7: Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 5P49V5907. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Table 8: Recommended Operation Conditions
Table 9: Input Capacitance, LVCMOS Output Impedance, and Internal Pull-down
Resistance (TA = +25 °C)
Item
Rating
Supply Voltage, VDDA, VDDO
3.465V
Inputs
XIN/REF
0V to 1.2V voltage swing
Outputs, VDDO (LVCMOS)
-0.5V to VDDO+ 0.5V
Outputs, IO (SDA)
10mA
Package Thermal Impedance, ΘJA
42°C/W (0 mps)
Package Thermal Impedance, ΘJC
41.8°C/W (0 mps)
Storage Temperature, TSTG
-65°C to 150°C
ESD Human Body Model
2000V
Junction Temperature
125°C
Symbol
Parameter
Min
Typ
Max
Unit
VDDx
Power supply voltage for supporting 1.8V outputs
1.71
1.8
1.89
V
VDDA
Analog power supply voltage. Use filtered analog power
supply if available.
1.71
1.89
V
TA
Operating temperature, ambient
-40
85
°C
CLOAD_OUT
Maximum load capacitance (3.3V LVCMOS only)
15
pF
FIN
External reference crystal
8
40
MHz
tPU
Power up time for all VDDs to reach minimum specified
voltage (power ramps must be monotonic)
0.05
5
ms
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Capacitance (SD/OE, SEL1/SDA, SEL0/SCL)
37
pF
Pull-down Resistor
100
300
kΩ
ROUT
LVCMOS Output Driver Impedance (VDDO = 1.8V, 2.5V, 3.3V)
17
XIN/REF
Programmable capacitance at XIN/REF
925
pF
XOUT
Programmable capacitance at XOUT
925
pF


Similar Part No. - 5P49V5907

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
429Kb / 30P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5907 RENESAS-5P49V5907 Datasheet
633Kb / 31P
   Programmable Clock Generator
MARCH 3, 2017
logo
Integrated Device Techn...
5P49V5907BdddNDGI IDT-5P49V5907BdddNDGI Datasheet
431Kb / 30P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5907BDDDNDGI RENESAS-5P49V5907BDDDNDGI Datasheet
633Kb / 31P
   Programmable Clock Generator
MARCH 3, 2017
logo
Integrated Device Techn...
5P49V5907BdddNDGI8 IDT-5P49V5907BdddNDGI8 Datasheet
431Kb / 30P
   Programmable Clock Generator
More results

Similar Description - 5P49V5907

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3875LG-S08-R UTC-UC3875LG-S08-R Datasheet
332Kb / 11P
   Programmable frequency
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
[Old version datasheet]   Programmable Frequency Dividers
logo
Maxim Integrated Produc...
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
   Programmable Switching Frequency
Rev 0; 1/14
logo
International Rectifier
IRPLMB1E IRF-IRPLMB1E Datasheet
228Kb / 13P
   Programmable run frequency
logo
Integrated Device Techn...
IDT8N4Q001 IDT-IDT8N4Q001 Datasheet
200Kb / 20P
   Quad-Frequency Programmable XO
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com