Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5020 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5020
Description  Current-Mode PWM Controllers with Integrated Startup Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5020 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5020 Datasheet HTML 1Page - Maxim Integrated Products MAX5020 Datasheet HTML 2Page - Maxim Integrated Products MAX5020 Datasheet HTML 3Page - Maxim Integrated Products MAX5020 Datasheet HTML 4Page - Maxim Integrated Products MAX5020 Datasheet HTML 5Page - Maxim Integrated Products MAX5020 Datasheet HTML 6Page - Maxim Integrated Products MAX5020 Datasheet HTML 7Page - Maxim Integrated Products MAX5020 Datasheet HTML 8Page - Maxim Integrated Products MAX5020 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX5019/MAX5020 integrate all the building
blocks necessary for implementing DC-DC fixed-fre-
quency power supplies. Either primary- or secondary-
side regulation may be used to implement isolated or
nonisolated power supplies. These devices are current-
mode controllers with an integrated high-voltage start-
up circuit suitable for telecom/industrial voltage range
power supplies. Current-mode control with leading-
edge blanking simplifies control-loop design and inter-
nal ramp compensation circuitry stabilizes the current
loop when operating at duty cycles above 50%
(MAX5019). The MAX5019 allows 85% operating duty
cycle and can be used to implement flyback converters
whereas the MAX5020 limits the operating duty cycle to
less than 50% and can be used in single-ended for-
ward converters. A high-voltage startup circuit allows
these devices to draw power directly from the 18V to
110V input supply during startup. The switching fre-
quency is internally trimmed to 275kHz ±10%, thus
reducing magnetics and filter component costs.
The MAX5019/MAX5020 are available in 8-pin SO
packages.
Warning: The MAX5019/MAX5020 operate with high
voltages. Exercise caution.
Applications
Telecom Power Supplies
Industrial Power Supplies
Networking Power Supplies
Isolated Power Supplies
Features
o Wide Input Range: (18V to 110V) or (13V to 36V)
o Isolated (without optocoupler) or Nonisolated
Power Supply
o Current-Mode Control
o Leading-Edge Blanking
o Internally Trimmed 275kHz ±10% Oscillator
o Low External Component Count
o Soft-Start
o High-Voltage Startup Circuit
o Pulse-by-Pulse Current Limiting
o Thermal Shutdown
o SO-8 Package
Current-Mode PWM Controllers with Integrated
Startup Circuit
________________________________________________________________ Maxim Integrated Products
1
GND
CS
1
2
8
7
VCC
NDRV
VDD
FB
V+
8-SO
TOP VIEW
3
4
6
5
MAX5019/
MAX5020
SS_SHDN
Pin Configuration
Ordering Information
NDRV
VIN
VOUT
VDD
VCC
CS
FB
MAX5020
V+
SS_SHDN
GND
Typical Operating Circuit
19-2115; Rev 0; 7/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP. RANGE
PIN-PACKAGE
MAX5019CSA*
0
°C to +70°C8-SO
MAX5019ESA*
-40
°C to +85°C8-SO
MAX5020CSA*
0
°C to +70°C8-SO
MAX5020ESA*
-40
°C to +85°C8-SO
*See Selector Guide at end of data sheet.


Similar Part No. - MAX5020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5021 MAXIM-MAX5021 Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5021EPA MAXIM-MAX5021EPA Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5021EUA MAXIM-MAX5021EUA Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5021EUT MAXIM-MAX5021EUT Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5022 MAXIM-MAX5022 Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
More results

Similar Description - MAX5020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5014 MAXIM-MAX5014 Datasheet
319Kb / 14P
   Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Rev 0; 7/01
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
   High Performance, Integrated Current Mode PWM Controllers
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com