Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX500AEPE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX500AEPE
Description  CMOS, Quad, Serial-Interface 8-Bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX500AEPE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX500AEPE Datasheet HTML 4Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 5Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 6Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 7Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 8Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 9Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 10Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 11Page - Maxim Integrated Products MAX500AEPE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
A low level on
LOAD line initiates the transfer of data
from the shift register to the addressed input register.
The data can stay in this register until all four of the
input registers are updated. Then all of the DAC regis-
ters can be simultaneously updated using the
LDAC
(load DAC) signal. When
LDAC is low, the input regis-
ter’s data is loaded into the DAC registers (see Figure 5
for timing diagram). This mode is cascadable by con-
necting Serial Output (SRO) to the second chip’s SDA
pin. The delay of the SRO pin from SCL does not cause
setup/hold time violations, no matter how many
MAX500s are cascaded. Restrict the voltage at
LDAC
and
LOAD to +5.5V for a logic high.
2-Wire Interface
The 2-wire interface uses SDA and SCL only.
LOAD
must be floating or tied to VDD. Each data frame (8 data
bits and 2 address bits) is synchronized by a timing
relationship between SDA and SCL (see Figure 6 for
the timing diagram). Both SDA and SCL should normal-
ly be high when inactive. A falling edge of SDA (while
SCL is high) followed by a falling edge of SCL (while
SDA is low) is the start condition. This always loads a 0
into the first bit of the shift register. The shift register is
extended to 11 bits so this “data” will not affect the
input register information. The timing now follows the 3-
wire interface, except the SDA line is not allowed to
change when SCL is high (this prevents the MAX500
from retriggering its start condition). After the last data
bit is entered, the SDA line should go low (while the
SCL line is low), then the SCL line should rise followed
by the SDA line rising. This is defined as the stop con-
dition, or end of frame.
Cascading the 2-wire interface can be done, but the
user must be careful of both timing and formatting.
Timing must take into account the intrinsic delay of the
SRO pin from the internally generated start/stop condi-
tions. The tS2 value should be increased by n times tD1
(where n = number of cascaded MAX500s). The tLDS
value should also be increased by n times tD1. No other
timing parameters need to be modified. A more serious
concern is one of formatting. Generally, since each
frame has a start/stop condition, each chip that has
data cascaded through it will accept that data as if it
were its own data. Therefore, to circumvent this limita-
tion, the user should not generate a stop bit until all
DACs have been loaded. For example, if there are
three MAX500s cascaded in the 2-wire mode, the data
transfer should begin with a start condition, followed by
10 data bits, a zero bit, 10 data bits, a zero bit, 10 data
bits, and then a stop condition. This will prevent each
MAX500 from decoding the middle data for itself.
The data is entered into the shift register in the follow-
ing order:
A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
(First)
(MSB)
(Last)
where address bits A1 and A0 select which DAC regis-
ter receives data from the internal shift register. Table 1
lists the channel addresses. D7 (MSB) through D0 is
the data byte.
Since
LDAC is asynchronous with respect to SCL, SDA,
and
LOAD, care must be taken to assure that incorrect
data is not latched through to the DAC registers. If the
3-wire serial interface is used,
LDAC can be either tied
low permanently or tied to
LOAD as long as tLDS is
always maintained. However, if the 2-wire interface is
used,
LDAC should not fall before the stop condition is
internally detected. (This is the reason for the tLDS
delay of
LDAC after the last rising edge of SDA.)
CMOS, Quad, Serial-Interface
8-Bit DAC
8
_______________________________________________________________________________________
A1
A0
SELECTED INPUT REGISTER
L
L
DAC A Input Register
L
H
DAC B Input Register
H
L
DAC C Input Register
H
H
DAC D Input Register
SCL
SDA
LOAD LDAC
FUNCTION
F
Data
VDD
H
Latching data into
shift register (2W)
H
Data
VDD
H
Data should not be
changing (2W)
LX
VDD
H
Data is allowed to
change (2W)
F
Data
M
H
Latching data into
shift register (3W)
HX
M
H
Data is allowed to
change (3W)
LX
M
H
Data is allowed to
change (3W)
HX
L
H
Loads input register
from shift register (3W)
HX
L
L
DAC register reflects
data held in their respective
input registers
Notes:
H = Logic High
2W = 2-Wire
L = Logic Low
3W = 3-Wire
M = TTL Logic High
F = Falling Edge
X = Don’t Care
Table 1. DAC Addressing
Table 2. Logic Input Truth Table


Similar Part No. - MAX500AEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
   Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CSE MAXIM-MAX5003CSE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results

Similar Description - MAX500AEPE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
   3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
   CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
   QUAD 8 BIT DAC
logo
Analog Devices
AD5425 AD-AD5425 Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
logo
Analog Devices
AD5425YRMZ AD-AD5425YRMZ Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com