Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79733-EP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS79733-EP
Description  ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79733-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79733-EP Datasheet HTML 5Page - Texas Instruments TPS79733-EP Datasheet HTML 6Page - Texas Instruments TPS79733-EP Datasheet HTML 7Page - Texas Instruments TPS79733-EP Datasheet HTML 8Page - Texas Instruments TPS79733-EP Datasheet HTML 9Page - Texas Instruments TPS79733-EP Datasheet HTML 10Page - Texas Instruments TPS79733-EP Datasheet HTML 11Page - Texas Instruments TPS79733-EP Datasheet HTML 12Page - Texas Instruments TPS79733-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
TPS79718
VIN
VOUT
PG
GND
0.47
µF
1.8 V
VCC
RESET
MSP430
or Equivalent
VSS
0.1
µF
+
TPS79718-EP, TPS79730-EP, TPS79733-EP
SGLS348A – AUGUST 2006 – REVISED OCTOBER 2007
Regulator Protection
The TPS797xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS797xx features internal current limiting. During normal operation, the TPS797xx limits output current to
approximately 190 mA. When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. Take care not to exceed the power dissipation ratings of the package.
Microcontroller Application
One application for which this device is particularly suited is providing a regulated input voltage and power good
(PG) supervisory signal to low-power devices such as mixed-signal microcontrollers. The quiescent or ground
current of the TPS797xx family is typically 1.2
µA even at full load; therefore, the reduction in battery life by
including the TPS797xx in the system is negligible. The primary benefits of using the TPS797xx to power low
power digital devices include:
• Regulated output voltage that protects the device from battery droop and noise on the line (e.g., switch
bounce)
• Smooth, monotonic power up
• PG signal for controlled device RESET
• Potential to use an existing 5-V power rail to power a 3.3 V or lower device
• Potential to provide separate digital and analog power and ground supplies for a system with only one power
source
Figure 15 shows an application in which the TPS79718 is used to power Texas Instruments MSP430 mixed
signal microcontroller.
Figure 15. MSP430 Microcontroller Powered by the TPS79718 Regulator
Minimal board space is needed to accommodate the DCK (SC70/SOT-323) packaged TPS79718, the 0.1
µF
output capacitor, the 0.47
µF input capacitor, and the pullup resistor on the PG pin.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS79718-EP TPS79730-EP TPS79733-EP


Similar Part No. - TPS79733-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79733-Q1 TI-TPS79733-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS79733-Q1 TI1-TPS79733-Q1 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results

Similar Description - TPS79733-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
[Old version datasheet]   Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
logo
Rohm
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com